Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 2 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Descriptions
PIN
†
‡
NAME
ALTERNATE
FUNCTION
SDIP
(64)
LCC
(68)
I/O†
DESCRIPTION‡
A0
A1
A2
A3
A4
A5
A6
A7
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
15
16
17
18
19
20
21
22
17
18
19
20
21
22
23
24
I/O
Single-chip mode: Port A is a general-purpose bidirectional I/O port.
Expansion mode: Port A can be individually programmed as the external
bidirectional data bus (DATA0 – DATA7).
B0
B1
B2
B3
B4
B5
B6
B7
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
60
61
62
63
64
1
2
3
65
66
67
68
1
2
3
4
I/O
Single-chip mode: Port B is a general-purpose bidirectional I/O port.
Expansion mode: Port B can be individually programmed as the low-order address
output bus (ADDR0 – ADDR7).
C0
C1
C2
C3
C4
C5
C6
C7
ADDR8
ADDR9
ADDR10
ADDR11
ADDR12
ADDR13
ADDR14
ADDR15
4
6
7
9
10
11
12
13
5
7
8
10
11
12
13
14
I/O
Single-chip mode: Port C is a general-purpose bidirectional I/O port.
Expansion mode: Port C can be individually programmed as the high-order address
output bus (ADDR8 – ADDR15).
INT1
INT2
INT3
NMI
—
—
50
49
48
52
51
50
I
I/O
I/O
External (nonmaskable or maskable) interrupt/general-purpose input pin
External maskable interrupt input/general-purpose bidirectional pin
External maskable interrupt input/general-purpose bidirectional pin
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
E0
E1
E2
E3
E4
E5
E6
E7
14
34
35
36
37
38
39
42
36
37
38
39
40
41
42
43
I
ADC1 analog input (AN0 – AN7) or positive reference pins (AN1 – AN7)
Port E can be individually programmed as general-purpose input pins if not used
as ADC1 analog input or positive reference input.
VCC3
VSS3
32
33
34
35
ADC1 positive-supply voltage and optional positive-reference input pin
ADC1 ground reference pin
RESET
51
53
I/O
System reset bidirectional pin. RESET, as an input, initializes the microcontroller;
as open-drain output, RESET indicates an internal failure was detected by the
watchdog or oscillator fault circuit.
MC
5
6
I
Mode control (MC) pin. MC enables EEPROM write-protection override (WPO)
mode, also EPROM VPP.
XTAL2/CLKIN
XTAL1
29
30
31
32
I
O
Internal oscillator crystal input / external clock source input
Internal oscillator output for crystal
VCC1
31, 57
33,
61
Positive supply voltage
VCC2
—
15,63
Positive supply voltage
† I = input, O = output
‡ Ports A, B, C, and D can be configured only as general-purpose I/O pins. Also, port D3 can be configured as SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com