Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADAP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2216ADAP
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP Datasheet(HTML) 5 Page - Texas Instruments

  TPS2216ADAP Datasheet HTML 1Page - Texas Instruments TPS2216ADAP Datasheet HTML 2Page - Texas Instruments TPS2216ADAP Datasheet HTML 3Page - Texas Instruments TPS2216ADAP Datasheet HTML 4Page - Texas Instruments TPS2216ADAP Datasheet HTML 5Page - Texas Instruments TPS2216ADAP Datasheet HTML 6Page - Texas Instruments TPS2216ADAP Datasheet HTML 7Page - Texas Instruments TPS2216ADAP Datasheet HTML 8Page - Texas Instruments TPS2216ADAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V, STBY floating, all
outputs unloaded (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
†
3.3 V to xVCC, with one or
TJ = 25°C,
VI(5V) = 0 or 5, IO = 750 mA
60
105
†
two switches on
TJ = 85°C,
VI(5V) = 0 or 5, IO = 750 mA
90
140
m
Ω
†
5 V to xVCC, with one or
TJ = 25°C,
IO = 750 mA
140
185
m
Ω
†
two switches on
TJ = 85°C,
IO = 750 mA
160
200
Switch resistance†
3 3 V/5 V/12 V to xVPP
TJ = 25°C,
IO = 50 mA
0.7
1.5
Switch resistance†
3.3 V/5 V/12 V to xVPP
TJ = 85°C,
IO = 50 mA
1.4
2.5
3 3 V/5 V to xVCC
TJ = 25°C,
STBY = low,
IO = 30 mA
1.4
2
Ω
3.3 V/5 V to xVCC
TJ = 85°C,
STBY = low,
IO = 30 mA
2
3
Ω
3 3 V/5 V/12 V to xVPP
TJ = 25°C,
STBY = low,
IO = 30 mA
5
7
3.3 V/5 V/12 V to xVPP
TJ = 85°C,
STBY = low,
IO = 30 mA
10
16
Clamp low voltage
VO(xVCC)
IO(xVCC) at 10 mA, After reset
0.275
0.8
V
Clamp low voltage
VO(xVPP)
IO(xVPP) at 10 mA, After reset
0.275
0.8
V
IO(xVCC) high-impedance
TJ = 25°C
1
10
Ilk
Leakage current
O(xVCC)
g
state
TJ = 85°C
2
50
µA
Ilkg
Leakage current
IO(xVPP) high-impedance
TJ = 25°C
1
10
µA
O(xVPP)
g
state
TJ = 85°C
2
50
IO(xVCC)
TJ = 85°C,
1
2.5
A
Short circuit output
IO(xVPP)
J
Output powered into a short to GND
250
500
mA
IOS
Short-circuit output
current limit†
Standby mode, IO(xVCC)
TJ = 85°C,
Output powered into a short to GND
35
65
mA
Standby mode, IO(xVPP)
Out ut owered into a short to GND,
STBY = 0 V
30
60
mA
Current limit
‡
xVCC switch
100 m
Ω short circuit
100
µs
response time‡
xVPP switch
100-m
Ω short circuit
16
µs
§
II(3.3V)
0.01
2
§
Nl
ti
II(5V)
VO(xVCC) = VO(xVPP) = 5 V
100
120
µA
§
Normal operation
and in reset
II(12V)
()
(
)
6
10
§
and in reset
mode
II(3.3V)
V0
V
3 3 V
100
120
II
Input current§
mode
II(5V)
VI(5V) = 0,
VO(xVCC) = 3.3 V,
VO(xVPP) =12V
0
µA
II(12V)
VO(xVPP) = 12 V
22
30
II(3.3V)
1
Shutdown mode
II(5V)
VO(xVCC) = Hi-Z, VO(xVPP) = Hi-Z
1
µA
II(12V)
()
(
)
1
Thermal shutdown‡
Trip point, TJ
155
°C
Thermal shutdown‡
Hysteresis
10
°C
† Pulse-testing techniques maintain junction temperature close to ambient temperature (250-
µs-wide pulse, less than 0.5% duty cycle); thermal
effects must be taken into account separately.
‡ Specified by design, not tested in production.
§ Input currents do not include logic input currents (presented in electrical characteristics for logic section); clock is inactive.
NOTE: VI(3.3V) or VI(5V) must be biased for switches to function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com