Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADAP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2216ADAP
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2216ADAP Datasheet HTML 2Page - Texas Instruments TPS2216ADAP Datasheet HTML 3Page - Texas Instruments TPS2216ADAP Datasheet HTML 4Page - Texas Instruments TPS2216ADAP Datasheet HTML 5Page - Texas Instruments TPS2216ADAP Datasheet HTML 6Page - Texas Instruments TPS2216ADAP Datasheet HTML 7Page - Texas Instruments TPS2216ADAP Datasheet HTML 8Page - Texas Instruments TPS2216ADAP Datasheet HTML 9Page - Texas Instruments TPS2216ADAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V, STBY floating, all
outputs unloaded (unless otherwise noted) (continued)
logic section (CLOCK, DATA, LATCH, MODE, RESET, RESET, STBY, OC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
†
VI(RESET) = 5 V or VI(RESET) = 0 V
30
50
II(RESET) or II(RESET)†
VI(RESET) = 0 V or VI(RESET) = 5 V
1
II(MODE)†
VI(MODE) = 5 V
30
50
Logic input current
II(MODE)†
VI(MODE) = 0 V
1
µA
II(STBY)†
VI(STBY) = 5 V
1
II(STBY)†
VI(STBY) = 0 V
30
50
II(CLOCK) or II(DATA) or II(LATCH)
1
Logic input high level
VI(5V) = 5 V
2
V
Logic input high level
VI(5V) = 0 V
2
V
Logic input low level
0.8
V
Logic output high level OC
VI(5V) = 5 V,
IO = 1 mA
VI(5V)–0.4
V
Logic output high level, OC
VI(5V) = 0 V,
IO = 1 mA
VI(3.3V)–0.4
V
Logic output low level, OC
IO = 1 mA
0.4
V
† RESET and MODE have internal 150-k
Ω pulldown resistors; RESET and STBY have internal 150-kΩ pullup resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com