Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADAP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2216ADAP
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2216ADAP Datasheet HTML 3Page - Texas Instruments TPS2216ADAP Datasheet HTML 4Page - Texas Instruments TPS2216ADAP Datasheet HTML 5Page - Texas Instruments TPS2216ADAP Datasheet HTML 6Page - Texas Instruments TPS2216ADAP Datasheet HTML 7Page - Texas Instruments TPS2216ADAP Datasheet HTML 8Page - Texas Instruments TPS2216ADAP Datasheet HTML 9Page - Texas Instruments TPS2216ADAP Datasheet HTML 10Page - Texas Instruments TPS2216ADAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics
PARAMETER†
LOAD CONDITION†
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
‡
CL(xVCC) = 0.1 µF,
CL(xVPP) = 0.1 µF,
VO(xVCC)
1
t
Output rise times‡
L(xVPP)
µ ,
IO(xVCC) = 0§,
IO(xVPP) = 0§
VO(xVPP)
0.8
ms
tr
Output rise times‡
CL(xVCC) = 150 µF,
CL(xVPP) = 10 µF,
VO(xVCC)
1.2
ms
L(xVPP)
µ ,
IO(xVCC) = 1 A,
IO(xVPP) = 50 mA
VO(xVPP)
2.5
‡
CL(xVCC) = 0.1 µF,
CL(xVPP) = 0.1 µF,
VO(xVCC)
0.01
tf
Output fall times‡
L(xVPP)
µ ,
IO(xVCC) = 0§,
IO(xVPP) = 0§
VO(xVPP)
0.01
ms
tf
Output fall times‡
CL(xVCC) = 150 µF,
CL(xVPP) = 10 µF,
VO(xVCC)
3
ms
L(xVPP)
µ ,
IO(xVCC) = 1 A,
IO(xVPP) = 50 mA
VO(xVPP)
8
‡
Latch
↑ to xVPP (12 V)
tpd(on)
3
‡
Latch
↑ to xVPP (12 V)
tpd(off)
25
‡
Latch
↑ to xVPP (5 V)
tpd(on)
0.6
‡
Latch
↑ to xVPP (5 V)
tpd(off)
8.5
‡
Latch
↑ to xVPP (3 3 V) V
5 V
tpd(on)
0.6
‡
CL(xVCC) =0 1 µF
Latch
↑ to xVPP (3.3 V), VI(5V) = 5 V
tpd(off)
9
‡
CL(xVCC) = 0.1 µF,
CL(xVPP) = 0.1 µF,
Latch
↑ to xVPP (3 3 V) V
0 V
tpd(on)
1.4
‡
L(xVPP)
µ ,
IO(xVCC) = 0§,
I0§
Latch
↑ to xVPP (3.3 V), VI(5V) = 0 V
tpd(off)
9
‡
IO(xVPP) = 0§
Latch
↑ to xVCC (5 V)
tpd(on)
0.3
‡
Latch
↑ to xVCC (5 V)
tpd(off)
15
‡
Latch
↑ to xVCC (3 3 V) V
5 V
tpd(on)
0.2
‡
Latch
↑ to xVCC (3.3 V), VI(5V) = 5 V
tpd(off)
15
‡
Latch
↑ to xVCC (3 3 V) V () 0V
tpd(on)
0.4
t d
Propagation delay‡
Latch
↑ to xVCC (3.3 V), VI(5V) = 0 V
tpd(off)
15
ms
tpd
Propagation delay‡
Latch
↑ to xVPP (12 V)
tpd(on)
4.5
ms
Latch
↑ to xVPP (12 V)
tpd(off)
13
Latch
↑ to xVPP (5 V)
tpd(on)
3.3
Latch
↑ to xVPP (5 V)
tpd(off)
8
Latch
↑ to xVPP (3 3 V) V
5 V
tpd(on)
3
CL(xVCC) = 150 µF
Latch
↑ to xVPP (3.3 V), VI(5V) = 5 V
tpd(off)
9
CL(xVCC) = 150 µF,
CL(xVPP) = 10 µF,
Latch
↑ to xVPP (3 3 V) V
0 V
tpd(on)
3
L(xVPP)
µ ,
IO(xVCC) = 1 A,
I50
A
Latch
↑ to xVPP (3.3 V), VI(5V) = 0 V
tpd(off)
9
IO(xVPP) = 50 mA
Latch
↑ to xVCC (5 V)
tpd(on)
1
Latch
↑ to xVCC (5 V)
tpd(off)
12
Latch
↑ to xVCC (3 3 V) V
5 V
tpd(on)
0.6
Latch
↑ to xVCC (3.3 V), VI(5V) = 5 V
tpd(off)
12
Latch
↑ to xVCC (3 3 V) V
0 V
tpd(on)
1
Latch
↑ to xVCC (3.3 V), VI(5V) = 0 V
tpd(off)
12
† Refer to Parameter Measurement Information
‡ Specified by design: not tested in production.
§ No card inserted, assumes 0.1-
µF recommended output capacitor (see Figure 32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com