Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADAP Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS2216ADAP
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2216ADAP Datasheet HTML 18Page - Texas Instruments TPS2216ADAP Datasheet HTML 19Page - Texas Instruments TPS2216ADAP Datasheet HTML 20Page - Texas Instruments TPS2216ADAP Datasheet HTML 21Page - Texas Instruments TPS2216ADAP Datasheet HTML 22Page - Texas Instruments TPS2216ADAP Datasheet HTML 23Page - Texas Instruments TPS2216ADAP Datasheet HTML 24Page - Texas Instruments TPS2216ADAP Datasheet HTML 25Page - Texas Instruments TPS2216ADAP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TPS2214A/ TPS2216A control logic
TPS2214A/TPS2216A mode (MODE pulled high)
xVPP
AVPP CONTROL SIGNALS
OUTPUT
BVPP CONTROL SIGNALS
OUTPUT
D8 (SHDN)
D0
D1
D9
OUTPUT
V_AVPP
D8 (SHDN)
D4
D5
D10
OUTPUT
V_BVPP
1
0
0
X
0 V
1
0
0
X
0 V
1
0
1
0
3.3 V
1
0
1
0
3.3 V
1
0
1
1
5 V
1
0
1
1
5 V
1
1
0
X
12 V
1
1
0
X
12 V
1
1
1
X
Hi-Z
1
1
1
X
Hi-Z
0
X
X
X
Hi-Z
0
X
X
X
Hi-Z
xVCC
AVCC CONTROL SIGNALS
OUTPUT
BVCC CONTROL SIGNALS
OUTPUT
D8 (SHDN)
D3
D2
OUTPUT
V_AVCC
D8 (SHDN)
D6
D7
OUTPUT
V_BVCC
1
0
0
0 V
1
0
0
0 V
1
0
1
3.3 V
1
0
1
3.3 V
1
1
0
5 V
1
1
0
5 V
1
1
1
0 V
1
1
1
0 V
0
X
X
Hi-Z
0
X
X
Hi-Z
TPS2206 mode (MODE floating or pulled low)
xVPP
AVPP CONTROL SIGNALS
OUTPUT
BVPP CONTROL SIGNALS
OUTPUT
D8 (SHDN)
D0
D1
OUTPUT
V_AVPP
D8 (SHDN)
D4
D5
OUTPUT
V_BVPP
1
0
0
0 V
1
0
0
0 V
1
0
1
V_AVCC
1
0
1
V_BVCC
1
1
0
12 V
1
1
0
12 V
1
1
1
Hi-Z
1
1
1
Hi-Z
0
X
X
Hi-Z
0
X
X
Hi-Z
xVCC
AVCC CONTROL SIGNALS
OUTPUT
BVCC CONTROL SIGNALS
OUTPUT
D8 (SHDN)
D3
D2
OUTPUT
V_AVCC
D8 (SHDN)
D6
D7
OUTPUT
V_BVCC
1
0
0
0 V
1
0
0
0 V
1
0
1
3.3 V
1
0
1
3.3 V
1
1
0
5 V
1
1
0
5 V
1
1
1
0 V
1
1
1
0 V
0
X
X
Hi-Z
0
X
X
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com