Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADAP Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2216ADAP
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2216ADAP Datasheet HTML 14Page - Texas Instruments TPS2216ADAP Datasheet HTML 15Page - Texas Instruments TPS2216ADAP Datasheet HTML 16Page - Texas Instruments TPS2216ADAP Datasheet HTML 17Page - Texas Instruments TPS2216ADAP Datasheet HTML 18Page - Texas Instruments TPS2216ADAP Datasheet HTML 19Page - Texas Instruments TPS2216ADAP Datasheet HTML 20Page - Texas Instruments TPS2216ADAP Datasheet HTML 21Page - Texas Instruments TPS2216ADAP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
overview
PC Cards were initially introduced as a means to add EEPROM (flash memory) to portable computers with
limited onboard memory. The idea of add-in cards quickly took hold; modems, wireless LANs, Global Positioning
Satellite System (GPS), multimedia, and hard-disk versions were soon available. As the number of PC Card
applications grew, the engineering community quickly recognized the need for a standard to ensure
compatibility across platforms. To this end, the PCMCIA (Personal Computer Memory Card International
Association), comprising members from leading computer, software, PC Card, and semiconductor
manufacturers, was established. One key goal was to realize the plug-and-play concept. Cards and hosts from
different vendors should be compatible or able to communicate with one another transparently.
PC Card power specification
System compatibility also means power compatibility. The most current set of specifications (PC Card Standard)
set forth by the PCMCIA committee states that power is to be transferred between the host and the card through
eight of the 68 terminals of the PC Card connector. This power interface consists of two VCC, two Vpp, and four
ground terminals. Multiple VCC and ground terminals minimize connector terminal and line resistance. The two
Vpp terminals were originally specified as separate signals, but are commonly tied together in the host to form
a single node to minimize voltage losses. Card primary power is supplied through the VCC terminals;
flash-memory programming and erase voltage is supplied through the Vpp terminals.
designing for voltage regulation
The current PCMCIA specification for output voltage regulation, VO(reg), of the 5-V output is 5% (250 mV). In
a typical PC power-system design, the power supply has an output-voltage regulation, VPS(reg), of 2% (100 mV).
Also, a voltage drop from the power supply to the PC Card will result from resistive losses, VPCB, in the PCB
traces and the PCMCIA connector. A typical design would limit the total of these resistive losses to less than
1% (50 mV) of the output voltage. Therefore, the allowable voltage drop, VDS, for the TPS2214A or TPS2216A
would be the PCMCIA voltage regulation less the power supply regulation and less the PCB and connector
resistive drops:
V
DS +
V
O(reg)
–V
PS(reg)
–V
PCB
Typically, this would leave 100 mV for the allowable voltage drop across the 5-V switch. The specification for
output voltage regulation of the 3.3-V output is 300 mV; so, using the same equation by deducting the voltage
drop percentages (2%) for power-supply regulation and PCB resistive loss (1%), the allowable voltage drop for
the 3.3-V switch is 200 mV. The voltage drop is the output current multiplied by the switch resistance of the
TPS2214A or TPS2216A. Therefore, the maximum output current, IO max, that can be delivered to the PC Card
in regulation is the allowable voltage drop across the IC, divided by the output-switch resistance.
I
O
max
+
V
DS
r
DS(on)
The xVCC outputs can deliver 1 A continuously at 5 V and 3.3 V within regulation over the operating temperature
range. The xVPP outputs of the IC can deliver 200 mA continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com