Electronic Components Datasheet Search
  English  ▼

X  

TPS2216ADAP Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2216ADAP
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216ADAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2216ADAP Datasheet HTML 8Page - Texas Instruments TPS2216ADAP Datasheet HTML 9Page - Texas Instruments TPS2216ADAP Datasheet HTML 10Page - Texas Instruments TPS2216ADAP Datasheet HTML 11Page - Texas Instruments TPS2216ADAP Datasheet HTML 12Page - Texas Instruments TPS2216ADAP Datasheet HTML 13Page - Texas Instruments TPS2216ADAP Datasheet HTML 14Page - Texas Instruments TPS2216ADAP Datasheet HTML 15Page - Texas Instruments TPS2216ADAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
0.2
0.1
1
10
100
0.4
0.6
TURNON PROPAGATION DELAY TIME,
3.3-V xVCC SWITCH
vs
LOAD CAPACITANCE
1.4
1000
CL – Load Capacitance – µF
0.8
1
1.2
dc Load = 1 A
TJ = 85°C
TJ = 25°C
TJ = –40°C
Figure 9
6
0.1
1
10
100
TURNOFF PROPAGATION DELAY TIME,
3.3-V xVCC SWITCH
vs
LOAD CAPACITANCE
14
1000
CL – Load Capacitance – µF
8
10
12
dc Load = 1 A
TJ = 85°C
TJ = 25°C
TJ = –40°C
Figure 10
0.2
0.1
1
10
100
0.4
0.6
TURNON PROPAGATION DELAY TIME,
5-V xVCC SWITCH
vs
LOAD CAPACITANCE
1.6
1000
CL – Load Capacitance – µF
0.8
1
1.4
dc Load = 1 A
1.2
TJ = 85°C
TJ = 25°C
TJ = –40°C
Figure 11
6
0.1
1
10
100
TURNOFF PROPAGATION DELAY TIME,
5-V xVCC SWITCH
vs
LOAD CAPACITANCE
14
1000
CL – Load Capacitance – µF
8
10
12
dc Load = 1 A
TJ = 85°C
TJ = 25°C
TJ = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com