Electronic Components Datasheet Search
  English  ▼

X  

TPS2811P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811P
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811P Datasheet(HTML) 5 Page - Texas Instruments

  TPS2811P Datasheet HTML 1Page - Texas Instruments TPS2811P Datasheet HTML 2Page - Texas Instruments TPS2811P Datasheet HTML 3Page - Texas Instruments TPS2811P Datasheet HTML 4Page - Texas Instruments TPS2811P Datasheet HTML 5Page - Texas Instruments TPS2811P Datasheet HTML 6Page - Texas Instruments TPS2811P Datasheet HTML 7Page - Texas Instruments TPS2811P Datasheet HTML 8Page - Texas Instruments TPS2811P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Regulator input voltage range, REG_IN
– 0.3 V to 42 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, 1IN, 2IN, 1IN1, 1IN2, 1IN2, 2IN1, 2IN2, 2IN2
– 0.3 V to VCC
. . . . . . . . . . . . . . . . . . . . . . .
Continuous regulator output current, REG_OUT
25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, 1OUT, 2OUT
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to device GND pin.
recommended operating conditions
MIN
MAX
UNIT
Regulator input voltage range
8
40
V
Supply voltage, VCC
4
14
V
Input voltage, 1IN1, 1IN2, 1IN2, 2IN1, 2IN2, 2IN2, 1IN, 2IN
–0.3
VCC
V
Continuous regulator output current, REG_OUT
0
20
mA
Ambient temperature operating range
–40
125
°C
TPS28xx electrical characteristics over recommended operating ambient temperature range,
VCC = 10 V, REG_IN open for TPS2811/12/13, CL = 1 nF (unless otherwise noted)
inputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC = 5 V
3.3
4
V
Positive-going input threshold voltage
VCC = 10 V
5.8
9
V
VCC = 14 V
8.3
13
V
VCC = 5 V
1
1.6
V
Negative-going input threshold voltage
VCC = 10 V
1
4.2
V
VCC = 14 V
1
6.2
V
Input hysteresis
VCC = 5 V
1.6
V
Input current
Inputs = 0 V or VCC
–1
0.2
1
µA
Input capacitance
5
10
pF
† Typicals are for TA = 25°C unless otherwise noted.
outputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
High level output voltage
IO = –1 mA
9.75
9.9
V
High-level output voltage
IO = –100 mA
8
9.1
V
Low level output voltage
IO = 1 mA
0.18
0.25
V
Low-level output voltage
IO = 100 mA
1
2
V
Peak output current
VCC = 10 V
2
A
† Typicals are for TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com