Electronic Components Datasheet Search
  English  ▼

X  

TPS2811P Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811P
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811P Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2811P Datasheet HTML 2Page - Texas Instruments TPS2811P Datasheet HTML 3Page - Texas Instruments TPS2811P Datasheet HTML 4Page - Texas Instruments TPS2811P Datasheet HTML 5Page - Texas Instruments TPS2811P Datasheet HTML 6Page - Texas Instruments TPS2811P Datasheet HTML 7Page - Texas Instruments TPS2811P Datasheet HTML 8Page - Texas Instruments TPS2811P Datasheet HTML 9Page - Texas Instruments TPS2811P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
regulator (TPS2811/2812/2813 only)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output voltage
14
≤ REG_IN ≤ 40 V, 0 ≤ IO ≤ 20 mA
10
11.5
13
V
Output voltage in dropout
IO = 10 mA,
REG_IN = 10 V
9
9.6
V
† Typicals are for TA = 25°C unless otherwise noted.
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Supply current into VCC
Inputs high or low
0.2
5
µA
Supply current into REG_IN
REG_IN = 20 V,
REG_OUT open
40
100
µA
† Typicals are for TA = 25°C unless otherwise noted.
TPS28xxY electrical characteristics at TA = 25°C, VCC = 10 V, REG_IN open for TPS2811/12/13,
CL = 1 nF (unless otherwise noted)
inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5 V
3.3
V
Positive-going input threshold voltage
VCC = 10 V
5.8
V
VCC = 14 V
8.2
V
VCC = 5 V
1.6
V
Negative-going input threshold voltage
VCC = 10 V
3.3
V
VCC = 14 V
4.2
V
Input hysteresis
VCC = 5 V
1.2
V
Input current
Inputs = 0 V or VCC
0.2
µA
Input capacitance
5
pF
outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High level output voltage
IO = –1 mA
9.9
V
High-level output voltage
IO = –100 mA
9.1
V
Low level output voltage
IO = 1 mA
0.18
V
Low-level output voltage
IO = 100 mA
1
V
Peak output current
VCC = 10.5 V
2
A
regulator (TPS2811, 2812, 2813)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
14
≤ REG_IN ≤ 40 V, 0 ≤ IO ≤ 20 mA
11.5
V
Output voltage in dropout
IO = 10 mA,
REG_IN = 10 V
9.6
V
power supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current into VCC
Inputs high or low
0.2
µA
Supply current into REG_IN
REG_IN = 20 V,
REG_OUT open
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com