Electronic Components Datasheet Search
  English  ▼

X  

TPS2811P Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811P
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811P Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2811P Datasheet HTML 11Page - Texas Instruments TPS2811P Datasheet HTML 12Page - Texas Instruments TPS2811P Datasheet HTML 13Page - Texas Instruments TPS2811P Datasheet HTML 14Page - Texas Instruments TPS2811P Datasheet HTML 15Page - Texas Instruments TPS2811P Datasheet HTML 16Page - Texas Instruments TPS2811P Datasheet HTML 17Page - Texas Instruments TPS2811P Datasheet HTML 18Page - Texas Instruments TPS2811P Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
matching and paralleling connections
Figures 21 and 22 show the delays for the rise and fall time of each channel. As can be seen on a 5-ns scale,
there is very little difference between the two channels at no load. Figures 23 and 24 show the difference
between the two channels for a 1-nF load on each output. There is a slight delay on the rising edge, but little
or no delay on the falling edge. As an example of extreme overload, Figures 25 and 26 show the difference
between the two channels, or two drivers in the package, each driving a 10-nF load. As would be expected, the
rise and fall times are significantly slowed down. Figures 28 and 29 show the effect of paralleling the two
channels and driving a 1-nF load. A noticeable improvement is evident in the rise and fall times of the output
waveforms. Finally, Figures 30 and 31 show the two drivers being paralleled to drive the 10-nF load and as could
be expected the waveforms are improved. In summary, the paralleling of the two drivers in a package enhances
the capability of the drivers to handle a larger load. Because of manufacturing tolerances, it is not recommended
to parallel drivers that are not in the same package.
Regulator
50
Ω
1
2
3
4
8
7
6
5
1 nF
Output
0.1
µF
4.7
µF
+
VCC
TPS2811
Figure 19. Test Circuit for Measuring Switching Characteristics
Regulator
50
Ω
1
2
3
4
8
7
6
5
CL(2)
CL(1)
Output 1
0.1
µF
4.7
µF
+
VCC
TPS2811
NOTE A: Input rise and fall times should be
≤10 ns for accurate measurement of ac parameters.
Output 2
Figure 20. Test Circuit for Measuring Switching Characteristics with the Inputs Connected in Parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com