Electronic Components Datasheet Search
  English  ▼

X  

TPS2811P Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811P
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811P Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS2811P Datasheet HTML 23Page - Texas Instruments TPS2811P Datasheet HTML 24Page - Texas Instruments TPS2811P Datasheet HTML 25Page - Texas Instruments TPS2811P Datasheet HTML 26Page - Texas Instruments TPS2811P Datasheet HTML 27Page - Texas Instruments TPS2811P Datasheet HTML 28Page - Texas Instruments TPS2811P Datasheet HTML 29Page - Texas Instruments TPS2811P Datasheet HTML 30Page - Texas Instruments TPS2811P Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
t – Time
VGS (2 V/div, 20 ns/div)
TA = 25°C
VI = 12 V
VO = 3.3 V at 5A
VD (5 V/div, 20 ns/div)
Figure 53. Q1 Drain Voltage vs Q2 Gate-Source Voltage
t – Time
Output Ripple Voltage (20 mV/div, 2
µs/div)
Inductor Current (1 A/div, 2
µs/div)
TA = 25°C
VI = 12 V
VO = 3.3 V at 3A
1
2
Figure 54. Output Ripple Voltage vs
Inductor Current, at 3 A
t – Time
Output Ripple Voltage (20 mV/div, 2
µs/div)
Inductor Current (2 A/div, 2
µs/div)
TA = 25°C
VI = 12 V
VO = 3.3 V at 5 A
1
2
Figure 55. Output Ripple Voltage vs
Inductor Current, at 5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com