Electronic Components Datasheet Search
  English  ▼

X  

TPS2811P Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811P
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811P Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS2811P Datasheet HTML 21Page - Texas Instruments TPS2811P Datasheet HTML 22Page - Texas Instruments TPS2811P Datasheet HTML 23Page - Texas Instruments TPS2811P Datasheet HTML 24Page - Texas Instruments TPS2811P Datasheet HTML 25Page - Texas Instruments TPS2811P Datasheet HTML 26Page - Texas Instruments TPS2811P Datasheet HTML 27Page - Texas Instruments TPS2811P Datasheet HTML 28Page - Texas Instruments TPS2811P Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 1. Bill of Materials,
3.3-V, 3-A Synchronous-Rectified Buck Converter
REFERENCE
DESCRIPTION
VENDOR
U1
TL5001CD, PWM
Texas Instruments,
972-644-5580
U2
TPS2812D, N.I. MOSFET Driver
Texas Instruments,
972-644-5580
CR1
3 A, 15 V, Schottky, 30BQ015
International Rectifier,
310-322-3331
CR2,CR3
Signal Diode, BAS16ZX
Zetex,
516-543-7100
C1
1
µF, 16 V, Tantalum
C2
0.033
µF, 50 V
C3
0.0022
µF, 50 V
C4
0.022
µF, 50 V
C5,C7,C10,C12
100
µF, 16 V, Tantalum, TPSE107M016R0100
AVX,
800-448-9411
C6
1000 pF, 50 V
C9
0.22
µF, 50 V
C11
0.47
µF, 50 V, Z5U
C13
10
µF, 10 V, Ceramic, CC1210CY5V106Z
TDK,
708-803-6100
C14
0.1
µF, 50 V
C15
1.0
µF, 50 V
J1,J2
4-Pin Header
L1
27
µH, 3 A/5 A, SML5040
Nova Magnetics, Inc.,
972-272-8287
Q1
IRF7406, P-FET
International Rectifier,
310-322-3331
Q2
IRF7201, N-FET
International Rectifier,
310-322-3331
R1
1.00 k
Ω, 1%
R2
1.6 k
Ω
R3
180
Ω
R4
2.32 k
Ω, 1 %
R5,R12,R13
10 k
Ω
R6
15
Ω
R7
3.3
Ω
R8
121 k
Ω, 1%
R9
90.9 k
Ω, 1%
R10
1 k
Ω
R11
30 k
Ω
NOTES:
2. Unless otherwise specified, capacitors are X7R ceramics.
3. Unless otherwise specified, resistors are 5%, 1/10 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com