Electronic Components Datasheet Search
  English  ▼

X  

TPS2811P Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811P
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2811P Datasheet HTML 3Page - Texas Instruments TPS2811P Datasheet HTML 4Page - Texas Instruments TPS2811P Datasheet HTML 5Page - Texas Instruments TPS2811P Datasheet HTML 6Page - Texas Instruments TPS2811P Datasheet HTML 7Page - Texas Instruments TPS2811P Datasheet HTML 8Page - Texas Instruments TPS2811P Datasheet HTML 9Page - Texas Instruments TPS2811P Datasheet HTML 10Page - Texas Instruments TPS2811P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics for all devices over recommended operating ambient temperature range,
REG_IN open for TPS2811/12/13, CL = 1 nF (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 14 V
14
25
tr
Rise time
VCC = 10 V
15
30
ns
VCC = 5 V
20
35
VCC = 14 V
15
25
tf
Fall time
VCC = 10 V
15
30
ns
VCC = 5 V
18
35
VCC = 14 V
25
40
tPHL
Prop delay time high-to-low-level output
VCC = 10 V
25
45
ns
VCC = 5 V
34
50
VCC = 14 V
24
40
tPLH
Prop delay time low-to-high-level output
VCC = 10 V
26
45
ns
VCC = 5 V
36
50
PARAMETER MEASUREMENT INFORMATION
Regulator
50
Ω
0.1
µF
4.7
µF
+
VCC
1 nF
1
2
3
4
8
7
6
5
Input
Output
TPS2811
NOTE A: Input rise and fall times should be
≤10 ns for accurate measurement of ac parameters.
Figure 1. Test Circuit For Measurement of Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com