Electronic Components Datasheet Search
  English  ▼

X  

TPS2811P Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811P
Description  DUAL HIGH-SPEED MOSFET DRIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2811P Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2811P Datasheet HTML 20Page - Texas Instruments TPS2811P Datasheet HTML 21Page - Texas Instruments TPS2811P Datasheet HTML 22Page - Texas Instruments TPS2811P Datasheet HTML 23Page - Texas Instruments TPS2811P Datasheet HTML 24Page - Texas Instruments TPS2811P Datasheet HTML 25Page - Texas Instruments TPS2811P Datasheet HTML 26Page - Texas Instruments TPS2811P Datasheet HTML 27Page - Texas Instruments TPS2811P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
synchronous buck regulator
Figure 48 is the schematic for a 100-kHz synchronous-rectified buck converter implemented with a TL5001
pulse-width-modulation (PWM) controller and a TPS2812 driver. The bill of materials is provided in Table 1. The
converter operates over an input range from 5.5 V to 12 V and has a 3.3-V output capable of supplying 3 A
continuously and 5 A during load surges. The converter achieves an efficiency of 90.6% at 3 A and 87.6% at
5 A. Figures 49 and 50 show the power switch switching performance. The output ripple voltage waveforms are
documented in Figures 54 and 55.
The TPS2812 drives both the power switch, Q2, and the synchronous rectifier, Q1. Large shoot-through
currents, caused by power switch and synchronous rectifier remaining on simultaneously during the transitions,
are prevented by small delays built into the drive signals, using CR2, CR3, R11, R12, and the input capacitance
of the TPS2812. These delays allow the power switch to turn off before the synchronous rectifier turns on and
vice versa. Figure 51 shows the delay between the drain of Q2 and the gate of Q1; expanded views are provided
in Figures 52 and 53.
REG_IN
1 IN
GND
2 IN
REG_OUT
1 OUT
VCC
2 OUT
U2
TPS2812D
1
2
3
4
8
7
6
5
Q1
IRF7406
1
3
2
R5
10 k
Ω
C11
0.47
µF
C100
100
µF
16 V
C5
100
µF
16 V
1
2
3
4
J1
2
1
Q2
IRF7201
3
CR1
30BQ015
C6
1000 pF
R7
3.3
Ω
L1
27
µF
C12
100
µF
16 V
C7
100
µF
16 V
C13
10
µF
10 V
1
2
3
4
J2
VI
VI
GND
GND
3.3 V
3.3 V
GND
GND
U1
TL5001CD
OUT
VCC
COMP
FB
GND
RT
DTC
SCP
R2
1.6 k
Ω
C3
0.0022
µF
C2
0.033
µF
R13
10 k
Ω
C14
0.1
µF
R6
15
Ω
R10
1 k
Ω
R11
30 k
Ω
CR2
BAS16ZX
R12
10 k
Ω
CR3
BAS16ZX
C15
1
µF
R8
121 k
Ω
1%
C9
0.22
µF
C1
1
µF
R4
2.32 k
Ω
1%
R3
180
Ω
C4
0.022
µF
R1
1.00 k
Ω
1%
R9
90.9 k
Ω
1%
8765
1234
+
+
++
+
Figure 48. 3.3-V 3-A Synchronous-Rectified Buck Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com