Electronic Components Datasheet Search
  English  ▼

X  

TRF2020 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF2020 Datasheet HTML 2Page - Texas Instruments TRF2020 Datasheet HTML 3Page - Texas Instruments TRF2020 Datasheet HTML 4Page - Texas Instruments TRF2020 Datasheet HTML 5Page - Texas Instruments TRF2020 Datasheet HTML 6Page - Texas Instruments TRF2020 Datasheet HTML 7Page - Texas Instruments TRF2020 Datasheet HTML 8Page - Texas Instruments TRF2020 Datasheet HTML 9Page - Texas Instruments TRF2020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I2
I1
I2
I1
Current
Voltage
∆ IOUT REL
∆ IOUT MATCH
ISINK
ISOURCE
∆ IOUT REL
V1
V2
Figure 1. Charge-Pump Output Current Definitions
The relative output current variation is defined as the percent difference between charge-pump current output
at two charge-pump output voltages and the mean charge-pump current output:
DI
OUT REL
I
OUT MEAN
+ 2
(I
2
–I
1)
|(I
2
) I
1)|
x 100%; with V1 = 0.5 V, V2 = VDDA – 0.5 V.
Output current matching is defined as the difference in charge-pump sinking current output and charge-pump
sourcing current output at a given charge-pump output (see Figure 1).
∆IOUT MATCH = ISINK – ISOURCE; with V1 ≤ Voltage ≤ V2.
charge-pump leakage currents, charge pumps not active
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PDM
PDA1
IOZ
Disabled output current
PDA2
VO = 0.5VDDA,
RPM=RPA=VDDA
10
nA
IOZ
Disabled output current
SWM
RPM = RPA = VDDA,
Normal and speed-up modes
10
nA
SW1
Normal and s eed u modes
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com