Electronic Components Datasheet Search
  English  ▼

X  

TRF2020 Datasheet(PDF) 23 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TRF2020 Datasheet HTML 18Page - Texas Instruments TRF2020 Datasheet HTML 19Page - Texas Instruments TRF2020 Datasheet HTML 20Page - Texas Instruments TRF2020 Datasheet HTML 21Page - Texas Instruments TRF2020 Datasheet HTML 22Page - Texas Instruments TRF2020 Datasheet HTML 23Page - Texas Instruments TRF2020 Datasheet HTML 24Page - Texas Instruments TRF2020 Datasheet HTML 25Page - Texas Instruments TRF2020 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
test mode selection (continued)
Table 2. Test Mode Selection (continued)
V4
V3
V2
V1
V0
ROUTING TO LD TERMINAL
0
1
0
1
0
Auxiliary-1 reference clock
0
1
0
1
1
Auxiliary-2 clock reference clock
NOTE: All other binary combinations of the test mode field V not shown above are reserved for future use.
Bit 5 in the V-word is used to select an external pulse mode. In the external pulse mode, the CMOS main and
subcounters are fed externally sourced clock pulses through pin 18 instead of from the prescaler inputs as
normally operated. This mode makes testing of the internal CMOS counters easy.
speed-up switching time
main synthesizer
When the main frequency synthesizer is changed in frequency, it may be desirable to increase the loop
bandwidth for a short time in order to achieve a faster lock time. An analog switch is provided that can vary the
topography of the loop filter in order to achieve a faster loop gain. When the frequency is changed (and speed-up
operation is desired), the following actions occur:
1.
The new frequency coefficients for the main synthesizer are sent to the device over the serial bus.
2.
After the data is clocked in, the strobe is toggled to high.
3.
The positive edge of the strobe loads the new frequency into the main synthesizer prescaler (using the next
reference frequency pulse to synchronize).
4.
With loading of the main synthesizer prescaler, the speed-up mode analog switch is activated to a
low-impedance state and the speed-up mode charge-pump boost circuit is activated.
5.
The speed-up mode is maintained until the main synthesizer speed-up counter, previously loaded with field
C of Word-0, counts down to zero (0). The speed-up counter is clocked with the main synthesizer phase
detector reference frequency.
6.
With the speed-up counter reaching a terminal count of zero (0), the speed-up analog switch reverts to the
normal mode high-impedance state, and the speed-up mode charge pump boost circuit is deactivated.
auxiliary synthesizer
Because the frequency of the auxiliary synthesizers is rarely changed during normal operation, speed-up mode
occurs during the independent power enable of the auxiliary synthesizer sections as controlled by fields S and
T in Word-3. Upon the transition of these 1-bit fields from a logic zero (0) to a logic one (1), the following actions
occur:
1.
It is assumed that the proper frequency coefficients were written to the corresponding auxiliary synthesizer
prescaler field.
2.
The power enable bit for the corresponding auxiliary synthesizer is changed from a zero (0) to a one (1).
3.
The positive edge of the strobe loads Word-3, which contains the power enable bit fields (using the next
reference frequency pulse to synchronize).
4.
With the loading of Word-3, the speed-up mode charge-pump boost circuit is activated and the analog
switch is activated to a low-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com