Electronic Components Datasheet Search
  English  ▼

X  

TRF2020 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 3 Page - Texas Instruments

  TRF2020 Datasheet HTML 1Page - Texas Instruments TRF2020 Datasheet HTML 2Page - Texas Instruments TRF2020 Datasheet HTML 3Page - Texas Instruments TRF2020 Datasheet HTML 4Page - Texas Instruments TRF2020 Datasheet HTML 5Page - Texas Instruments TRF2020 Datasheet HTML 6Page - Texas Instruments TRF2020 Datasheet HTML 7Page - Texas Instruments TRF2020 Datasheet HTML 8Page - Texas Instruments TRF2020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AUX1_IN
24
I
RF input auxiliary-1 synthesizer
AUX2_IN
12
I
RF input auxiliary-2 synthesizer
CLOCK
2
I
Clock input
DATA
3
I
Data input
LD
5
O
Lock detect output
PDA1
22
O
Auxiliary-1 synthesizer phase detector output
PDA2
9
O
Auxiliary-2 synthesizer phase detector output
PDM
17
O
Main synthesizer phase detector output
REF_IN
7
I
Reference input
RF_IN
13
I
Main synthesizer RF input
RPA
20
I
Reference current input for AUX-1 and AUX-2 charge pumps
RPM
15
I
Reference current input for main charge pump
STROBE
4
I
Strobe input
SWM
18
O
Main analog switch output
SW1
21
O
Auxiliary-1 analog switch output
SW2
10
O
Auxiliary-2 analog switch output
VDD
1
Digital supply voltage
VDDA
19
Analog supply voltage
VDDPM
14
Main prescaler supply voltage
VDDP1
23
Auxiliary-1 prescaler supply voltage
VDDP2
11
Auxiliary-2 prescaler supply voltage
VSS
6
Digital ground
VSSA
16
Analog ground
VSSP
8
Prescaler ground
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage VDDP
– 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage VDD, VDDA
– 0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to any other pin, VIN
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation at or below TA = 25°C
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient operating temperature, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, TSTG
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDDA
Analog supply voltage
2.75
3
4.5
V
VDD, VDDP
Digital supply voltage
2.75
3
3.6
V
TA
Operating free-air temperature
–40
25
85
°C
TJ
Junction temperature
–30
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com