Electronic Components Datasheet Search
  English  ▼

X  

TRF2020 Datasheet(PDF) 18 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TRF2020 Datasheet HTML 14Page - Texas Instruments TRF2020 Datasheet HTML 15Page - Texas Instruments TRF2020 Datasheet HTML 16Page - Texas Instruments TRF2020 Datasheet HTML 17Page - Texas Instruments TRF2020 Datasheet HTML 18Page - Texas Instruments TRF2020 Datasheet HTML 19Page - Texas Instruments TRF2020 Datasheet HTML 20Page - Texas Instruments TRF2020 Datasheet HTML 21Page - Texas Instruments TRF2020 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ATTEN 10 dB
RL 0 dBm
VAVG 50
10 dB/
CENTER 248 MHz
RBW 3 kHz VBW 3 kHz
SPAN 500 kHz
SWP 140 ms
MKR – 88.17 dB
200 kHz
MKR
200 kHz
– 88.17 dB
D
Figure 21. Typical Auxiliary-1 Synthesizer Reference Spurs
ATTEN 10 dB
RL 0 dBm
VAVG 50
10 dB/
CENTER 45.2000 MHz
RBW 3 kHz VBW 3 Hz
SPAN 500 kHz
SWP 140 ms
MKR – 87.33 dB
200 kHz
MKR
200 kHz
– 87.33 dB
D
Figure 22. Typical Auxiliary-2 Synthesizer Reference Spurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com