Electronic Components Datasheet Search
  English  ▼

X  

TRF2020 Datasheet(PDF) 19 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TRF2020 Datasheet HTML 15Page - Texas Instruments TRF2020 Datasheet HTML 16Page - Texas Instruments TRF2020 Datasheet HTML 17Page - Texas Instruments TRF2020 Datasheet HTML 18Page - Texas Instruments TRF2020 Datasheet HTML 19Page - Texas Instruments TRF2020 Datasheet HTML 20Page - Texas Instruments TRF2020 Datasheet HTML 21Page - Texas Instruments TRF2020 Datasheet HTML 22Page - Texas Instruments TRF2020 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
serial port operation
The TRF2020 device registers are manipulated via a synchronous serial data port. The timing relationships are
defined in Figure 2, in the parameter measurement information section. Four 24-bit words are clocked into
temporary holding registers with the least significant bit clocked first. The operation registers are loaded with
the new data residing in the temporary registers with the rising edge of the strobe input.
Each word can be written to the device independently. In this manner, only the words containing the information
required to change the current state of the device need to be written. To fully program the device, the words are
written in the following order:
Word-1
Auxiliary-1 synthesizer
Word-2
Auxiliary-2 synthesizer
Word-3
Device
Word-0
Main synthesizer
Word-3 follows Word-1 and Word-2 because the frequency information for the auxiliary synthesizers is stored
in the operational registers with Word-1 and Word-2. It is necessary to load this frequency information before
the speed-up mode is activated by the auxiliary synthesizers’ power enable bits in Word-3.
Word-0 is written last because the speed-up mode for the main synthesizers is activated by the writing of
Word-0. If the main synthesizer is to be enabled, the power enable bit is written to the device in the preceding
Word-3.
The two most significant bits of each word contain the unique address of the word; the balance of the 22 bits
contains the data fields.
serial word format
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDR
DATA
0
0
C
B
A
0
1
G
F
E
D
1
0
N
M
L
K
J
H
1
1
V
U
T
S
R
P
serial word format function
A:
5-bit NM2 data for main divider coefficient
B:
11-bit NM1 data for main divider coefficient
C:
6-bit data to control speed-up mode time of main synthesizer analog switch
D:
3-bit NM2 data for auxiliary-1 divider coefficient
E:
11-bit NM1 data for auxiliary-1 divider coefficient
F:
2-bit data to select main synthesizer speed-up/normal mode current ratio
G:
6-bit data to control speed-up mode time of auxiliary synthesizers
H:
3-bit NM2 data for auxiliary-2 divider coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com