Electronic Components Datasheet Search
  English  ▼

X  

TRF2020 Datasheet(PDF) 8 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF2020 Datasheet HTML 4Page - Texas Instruments TRF2020 Datasheet HTML 5Page - Texas Instruments TRF2020 Datasheet HTML 6Page - Texas Instruments TRF2020 Datasheet HTML 7Page - Texas Instruments TRF2020 Datasheet HTML 8Page - Texas Instruments TRF2020 Datasheet HTML 9Page - Texas Instruments TRF2020 Datasheet HTML 10Page - Texas Instruments TRF2020 Datasheet HTML 11Page - Texas Instruments TRF2020 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
f – Frequency – MHz
–50
–40
–30
–20
–10
0
MAIN DIVIDER INPUT POWER
vs.
FREQUENCY AND SUPPLY VOLTAGE
3.5 V
2.75 V
TA = 25°C
Figure 4
–50
–40
–30
–20
–10
MAIN DIVIDER MINIMUM INPUT POWER
vs.
FREQUENCY AND TEMPERATURE
VDDA = VDDP = VDD = 2.75 V
TA = –40°C
TA = 25°C
TA = 85°C
f – Frequency – MHz
0
Figure 5
40
38
36
0.02
f – Frequency – MHz
0
0.04
0.06
0.08
0.1
0.12
34
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
REFERENCE DIVIDER MINIMUM INPUT VOLTAGE
vs.
FREQUENCY AND SUPPLY VOLTAGE
3.5 V
2.75 V
TA = 25°C
Figure 6
40
38
36
0.02
f – Frequency – MHz
0
0.04
0.06
0.08
0.1
0.12
34
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
REFERENCE DIVIDER MINIMUM INPUT VOLTAGE
vs.
FREQUENCY AND TEMPERATURE
VDDA = VDDP = VDD = 2.75 V
TA = –40°C
TA = 25°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com