Electronic Components Datasheet Search
  English  ▼

X  

TRF2020 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 4 Page - Texas Instruments

  TRF2020 Datasheet HTML 1Page - Texas Instruments TRF2020 Datasheet HTML 2Page - Texas Instruments TRF2020 Datasheet HTML 3Page - Texas Instruments TRF2020 Datasheet HTML 4Page - Texas Instruments TRF2020 Datasheet HTML 5Page - Texas Instruments TRF2020 Datasheet HTML 6Page - Texas Instruments TRF2020 Datasheet HTML 7Page - Texas Instruments TRF2020 Datasheet HTML 8Page - Texas Instruments TRF2020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics with VDDA = 4.5 V, VDDP = VDD = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOPER
Operational supply current
R = S = T = 1
(see Note 1)
11
13
mA
ISTDBY
Maximum standby current
R = S = T = 0
10
µA
IDDPM
Main synthesizer operational supply current
R = 1, S = T = 0
(see Note 1)
6
8
mA
IDDP1
Auxiliary-1 synthesizer operational supply current
R = 0, S = 1, T = 0 (see Note 1)
3.3
4.5
mA
IDDP2
Auxiliary-2 synthesizer operational supply current
R = 0, S = 0, T = 1 (see Note 1)
3.3
4.5
mA
NOTES:
1. Operational supply currents measured with RF_IN = 1200 MHz, AUX1_IN = 250 MHz, AUX2_IN = 250 MHz, fREF_IN = 39.6 MHz.
All loops are in lock condition and normal mode. Operational supply current = IOPER = IDDA + IDDP1 + IDDP2 + IDDPM + IDD
digital interface characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock
VIH
High-level input voltage
Data
0.7 VDD
VDD
V
Strobe
Clock
VIL
Low-level input voltage
Data
0
0.3 VDD
V
Strobe
Clock
IIH
High-level input current
Data
0
1
µA
Strobe
Clock
IIL
Low-level input current
Data
0
1
µA
Strobe
VOH
High-level output voltage
LD
IOH = 1 mA
VDD – 0.4
V
VOL
Low-level output voltage
LD
IOH = –2 mA
0.4
V
ac electrical characteristics with VDDA = 4.5 V, VDDP = VDD = 3 V, TA = 25°C (unless otherwise noted)
main loop, RF_IN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fRF_IN
Input signal frequency
2.75
≤ VDDP ≤ 3.5 V
1200
MHz
PRF_IN
Input sensitivity
2.75
≤ VDDP ≤ 3.5 V,
Rsource = 50 Ω
–20
0
dBm
fCOMP
Phase detector comparison
2.75
≤ VDD ≤ 3.5 V
0
2
MHz
auxiliary loops, AUX1_IN and AUX2_IN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fAUX_IN Input signal frequency
2.75
≤ VDDP ≤ 3.5 V
250
MHz
PAUX_IN Input sensitivity
2.75
≤ VDDP ≤ 3.5 V,
Rsource = 50 Ω
–20
0
dBm
fAUX_
COMP
Phase detector comparison
2.75
≤ VDD ≤ 3.5 V
0
2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com