Electronic Components Datasheet Search
  English  ▼

X  

PCM5310 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM5310 Datasheet HTML 35Page - Texas Instruments PCM5310 Datasheet HTML 36Page - Texas Instruments PCM5310 Datasheet HTML 37Page - Texas Instruments PCM5310 Datasheet HTML 38Page - Texas Instruments PCM5310 Datasheet HTML 39Page - Texas Instruments PCM5310 Datasheet HTML 40Page - Texas Instruments PCM5310 Datasheet HTML 41Page - Texas Instruments PCM5310 Datasheet HTML 42Page - Texas Instruments PCM5310 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
Write Operation
Read Operation
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
The master can write to any PCM5310 register in a single access. The master sends a PCM5310 slave address
with a write bit, a register address, and data. When undefined registers are accessed, the PCM5310 does not
send any acknowledgement. Table 27 shows the framework for a write operation.
Table 27. Framework for Write Operation
TRANSMITTER
M
M
M
S
M
S
M
S
M
Slave
Register
DATA TYPE
St
W
ACK
ACK
Write data
ACK
Sp
address
address
LEGEND: M = master device, S = slave device, St = start condition, Sp = stop condition, W = write, ACK = acknowledge.
The master can read any PCM5310 register. The value of the register address is stored in an indirect index
register in advance. The master sends the PCM5310 slave address with a read bit after storing the register
address. The PCM5310 then transfers the data to the address specified by the index register. Table 28 shows
the framework for a read operation.
Table 28. Framework for Read Operation
TRANSMITTER
M
M
M
S
M
S
M
M
M
S
S
M
M
Slave
Register
Slave
Read
DATA TYPE
St
W
ACK
ACK
Sr
R
ACK
NACK
Sp
address
address
address
data
LEGEND:
M = master device, S = slave device, St = START condition, Sr = repeated START condition, Sp = STOP condition,
W = write, R = read, ACK = acknowledge, NACK = not acknowledge.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com