Electronic Components Datasheet Search
  English  ▼

X  

PCM5310 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310 Datasheet(HTML) 3 Page - Texas Instruments

  PCM5310 Datasheet HTML 1Page - Texas Instruments PCM5310 Datasheet HTML 2Page - Texas Instruments PCM5310 Datasheet HTML 3Page - Texas Instruments PCM5310 Datasheet HTML 4Page - Texas Instruments PCM5310 Datasheet HTML 5Page - Texas Instruments PCM5310 Datasheet HTML 6Page - Texas Instruments PCM5310 Datasheet HTML 7Page - Texas Instruments PCM5310 Datasheet HTML 8Page - Texas Instruments PCM5310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
ELECTRICAL CHARACTERISTICS
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
All specifications at TA = +25°C, VDD = VCCAD = VCCDA = VCCP = 3.3 V, VCCH = 9 V, fS
(1) = 48 kHz, system clock = 256 f
S, and
24-bit data, unless otherwise noted.
PCM5310
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO DATA
Data Format
Audio data bit length
16, 24
Bits
Audio data interface format
I2S, left-justified, right-justified
Audio data format
MSB, twos complement
ADC
108
kHz
Sampling
frequency
DAC
216
kHz
ADC
256 fS, 384 fS, 512 fS, 768 fS
MHz
System clock
DAC
128 fS, 192 fS, 256 fS, 384 fS, 512 fS, 768 fS
MHz
ADC
48 fS, 64 fS
MHz
Bit clock
DAC
32 fS, 48 fS, 64 fS
MHz
DIGITAL INPUT/OUTPUT
Logic family
CMOS-compatible
VIH
Input logic high level
0.7 VDD
V
VIL
Input logic low level
0.3 VDD
V
IIH
Input logic high current
10
µA
IIL
Input logic low current
–10
µA
VOH
Output logic high level
IOH = 2 mA
0.75 VDD
V
VOL
Output logic low level
IOH = –2 mA
0.25 VDD
V
DAC LINE OUTPUT
Dynamic Performance
Digital input = 0 dB, G242, G241
2
VRMS
= low
Full-scale output voltage
Digital input = 0 dB, G242, G241
2.4
VRMS
= high
Dynamic range
EIAJ, A-weighted
90
100
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
100
dB
Channel separation
88
97
dB
Digital input = 0 dB, G242, G241
THD+N
Total harmonic distortion + noise
0.01
0.02
%
= low
Load resistance
AC load
10
k
Ω
DC Accuracy
Digital input = 0 dB, G242, G241
Gain error
±3
±13
% of FSR
= low
Gain mismatch,
±3
±13
% of FSR
channel-to-channel
Bipolar zero error
Zero data input
±40
±120
mV
Center voltage
Zero data input
0.5 VCCDA
V
Analog Gain Control
Gain range
0, –0.5, –1.0
dB
Gain error
±0.5
dB
(1)
fS = sampling rate.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com