Electronic Components Datasheet Search
  English  ▼

X  

PCM5310 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM5310 Datasheet HTML 17Page - Texas Instruments PCM5310 Datasheet HTML 18Page - Texas Instruments PCM5310 Datasheet HTML 19Page - Texas Instruments PCM5310 Datasheet HTML 20Page - Texas Instruments PCM5310 Datasheet HTML 21Page - Texas Instruments PCM5310 Datasheet HTML 22Page - Texas Instruments PCM5310 Datasheet HTML 23Page - Texas Instruments PCM5310 Datasheet HTML 24Page - Texas Instruments PCM5310 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
REGISTER RESET AND SYSTEM RESET (Register 01)
RSTB Control
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
Register reset (MRST) clears all register data to the default setting. The MRST register is automatically set to '1'
after the reset.
System reset (SRST) clears all internal circuits, including all register data, to default status simultaneously. The
SRST register is automatically set to '1' after the reset.
Note that the PCM5310 may have audible pop noises on the analog and digital outputs when enabling MRST
and SRST.
The descriptions for the register reset and system reset registers are shown in Table 6.
Table 6. Reset Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Reset register data only
01
MRST
Reset for all circuits including register data
01
SRST
Taking RSTB (pin 58) from high to low clears all internal circuits to default status. If an application does not
require reset control, RSTB should be connected with an RC passive delay circuit to the digital power supply
(VDD).
Note that the PCM5310 may have audible pop noises on the analog and digital outputs when enabling RSTB.
The RSTB control status descriptions are shown in Table 6.
Table 7. RSTB Control
RSTB (PIN 58) STATUS
DESCRIPTION
Low
Reset all circuits including register data
High
Reset release
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com