Electronic Components Datasheet Search
  English  ▼

X  

PCM5310 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM5310 Datasheet HTML 19Page - Texas Instruments PCM5310 Datasheet HTML 20Page - Texas Instruments PCM5310 Datasheet HTML 21Page - Texas Instruments PCM5310 Datasheet HTML 22Page - Texas Instruments PCM5310 Datasheet HTML 23Page - Texas Instruments PCM5310 Datasheet HTML 24Page - Texas Instruments PCM5310 Datasheet HTML 25Page - Texas Instruments PCM5310 Datasheet HTML 26Page - Texas Instruments PCM5310 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
Table 8. Recommended Register Settings When Powered On (continued)
REGISTER SETTING
STEP
ADDRESS
DATA
DESCRIPTION
18
51
00
ADC12 digital mute disable
19
50
01
ADC12 digital attenuation/mute control and zero crossing enable
20
5C
D7
ADC34 L-channel digital attenuation level (0 dB) setting(1)
21
5D
D7
ADC34 R-channel digital attenuation level (0 dB) setting(1)
22
5B
00
ADC34 digital mute disable
23
5A
01
ADC34 digital attenuation/mute control and zero crossing enable
24
18
77
Line output 1 L-/R-channel mux select
25
19
00
Line output 2 L-/R-channel mux select
26
1A
88
Headphone output L-/R-channel mux select
27
14
11
ADC12 analog input mux select (AIN1L/R)(2)
28
15
22
ADC34 analog input mux select (AIN2L/R)(2)
29
16
00
ADC12 analog input gain level (0 dB) setting(1)
30
17
00
ADC34 analog input gain level (0 dB) setting(1)
31
65
98
Audio interface (LRCKx/BCKx) PORT-1 and PORT-2 setting (ADC12/34, master)(3)
32
66
98
Audio interface (DATAx) PORT-1 and PORT-2 setting (DATA output of ADC12/34)(3)
33
67
10
Audio interface (SCKx) PORT-1 and PORT-2 setting (input of SCK1/2)(4)
Audio interface (LRCKx/BCKx) PORT-3 and PORT-4 setting (input of LRCK3/4,
34
68
32
BCK3/4)(4)
35
69
32
Audio interface (DATAx) PORT-3 and PORT-4 setting (input of DATA3/4)(4)
36
6A
32
Audio interface (SCKx) PORT-3 and PORT-4 setting (input of SCK3/4)(4)
Audio interface (LRCKx/BCKx) PORT-5 and PORT-6 setting (input of LRCK3/4,
37
6B
54
BCK3/4)(4)
38
6C
54
Audio interface (DATAx) PORT-5 and PORT-6 setting (input of DATA5/6)(4)
39
6D
54
Audio interface (SCKx) PORT-5 and PORT-6 setting (input of SCK5/6)(4)
40
6E
43
DAC12 and DAC34 LRCK/BCK select(4)
41
6F
43
DAC12 and DAC34 DATA select(4)
42
70
43
DAC12 and DAC34 SCK select(4)
43
74
89
ADC12 and ADC34 LRCK/BCK select (ADC12/34, master)(4)
44
75
10
ADC12 and ADC34 SCK select(4)
45
76
76
GPIO control or GPIO1 and GPIO2 audio data select
46
2C
80
DAC12 audio interface and master/slave select(5)
47
36
80
DAC34 audio interface and master/slave select(5)
48
54
40
ADC12 audio interface and master/slave select (master, 256 fS)
(5)
49
5E
40
ADC34 audio interface and master/slave select (master, 256 fS)
(5)
50
12
11
Analog back-end and front-end power-up
51
2E
00
DAC12 power-up
52
38
00
DAC34 power-up
53
55
00
ADC12 power-up
54
5F
00
ADC34 power-up
55
12
01
Common voltage (VCOM) power-up and ramp up/down time setting
(2)
Any input terminals are acceptable for input of ADC12 and ADC34.
(3)
These settings are not required if application does not use audio interface mux and bypass selection.
(4)
These settings are not required if application does not use audio interface mux and bypass selection.
(5)
These settings are not required if application uses slave mode for audio interface and SCK automatic fS detection.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com