Electronic Components Datasheet Search
  English  ▼

X  

PCM5310 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCM5310 Datasheet HTML 67Page - Texas Instruments PCM5310 Datasheet HTML 68Page - Texas Instruments PCM5310 Datasheet HTML 69Page - Texas Instruments PCM5310 Datasheet HTML 70Page - Texas Instruments PCM5310 Datasheet HTML 71Page - Texas Instruments PCM5310 Datasheet HTML 72Page - Texas Instruments PCM5310 Datasheet HTML 73Page - Texas Instruments PCM5310 Datasheet HTML 74Page - Texas Instruments PCM5310 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
Register 91 (5Bh)
Registers 92 and 93 (5Ch and 5Dh)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
91
5Bh
Digital soft mute for ADC34
RSV
FS34
RSV
RSV
RSV
RSV
AMU4
AMU3
FS34: Sampling Rate Selection for ADC34
This bit sets the ADS34 sampling rate. FS34 must be set to '1' when the sampling rate is greater than 48 kHz.
Default value: 0
0
fS ≤ 48 kHz (default)
1
fS > 48 kHz
AMU4: Digital Mute Control for ADC34, R-Channel
AMU3: Digital Mute Control for ADC34, L-Channel
The PCM5310 can independently mute the DAC digital input data to a zero level when AMU4 and AMU3 = '1'.
These settings take precedence over the attenuation level settings of bits AAT3[7:0] and AAT4[7:0] in registers
92 and 93. The analog outputs may have audible zipper noise while changing levels. This noise can be reduced
by selecting zero-crossing detection (Register 90, AZ34).
Default value: 0
0
Mute disabled (default)
1
Mute enabled
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
92
5Ch
Digital attenuation level setting for ADC34 L-channel
AAT3[7:0]
93
5Dh
Digital attenuation level setting for ADC34 R-channel
AAT4[7:0]
AAT3[7:0]: Digital Attenuation Setting for ADC34, L-Channel
AAT4[7:0]: Digital Attenuation Setting for ADC34, R-Channel
The digital attenuator of ADC34 can be independently set from 20 dB to –100 dB in 0.5-dB steps. The ADC34
output may have audible zipper noise while changing levels. This noise can be reduced by selecting zero
crossing detection (Register 90, AZ34).
Default value : 1101 0111
Table 36. Digital Attenuation Level Setting for ADC34
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
DIGITAL ATT
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT1[7:0]
LEVEL
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
AAT2[7:0]
SETTING
1111 1111
FF
20 dB
1100 0010
C2
–10.5 dB
1000 0101
85
–41 dB
0100 1000
48
–71.5 dB
1111 1110
FE
19.5 dB
1100 0001
C1
–11 dB
1000 0100
84
–41.5 dB
0100 0111
47
–72 dB
1111 1101
FD
19 dB
1100 0000
C0
–11.5 dB
1000 0011
83
–42 dB
0100 0110
46
–72.5 dB
1111 1100
FC
18.5 dB
1011 1111
BF
–12 dB
1000 0010
82
–42.5 dB
0100 0101
45
–73 dB
1111 1011
FB
18 dB
1011 1110
BE
–12.5 dB
1000 0001
81
–43 dB
0100 0100
44
–73.5 dB
1111 1010
FA
17.5 dB
1011 1101
BD
–13 dB
1000 0000
80
–43.5 dB
0100 0011
43
–74 dB
1111 1001
F9
17 dB
1011 1100
BC
–13.5 dB
0111 1111
7F
–44 dB
0100 0010
42
–74.5 dB
1111 1000
F8
16.5 dB
1011 1011
BB
–14 dB
0111 1110
7E
–44.5 dB
0100 0001
41
–75 dB
1111 0111
F7
16 dB
1011 1010
BA
–14.5 dB
0111 1101
7D
–45 dB
0100 0000
40
–75.5 dB
1111 0110
F6
15.5 dB
1011 1001
B9
–15 dB
0111 1100
7C
–45.5 dB
0011 1111
3F
–76 dB
1111 0101
F5
15 dB
1011 1000
B8
–15.5 dB
0111 1011
7B
–46 dB
0011 1110
3E
–76.5 dB
1111 0100
F4
14.5 dB
1011 0111
B7
–16 dB
0111 1010
7A
–46.5 dB
0011 1101
3D
–77 dB
1111 0011
F3
14 dB
1011 0110
B6
–16.5 dB
0111 1001
79
–47 dB
0011 1100
3C
–77.5 dB
1111 0010
F2
13.5 dB
1011 0101
B5
–17 dB
0111 1000
78
–47.5 dB
0011 1011
3B
–78 dB
1111 0001
F1
13 dB
1011 0100
B4
–17.5 dB
0111 0111
77
–48 dB
0011 1010
3A
–78.8 dB
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com