Electronic Components Datasheet Search
  English  ▼

X  

PCM5310 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM5310 Datasheet HTML 45Page - Texas Instruments PCM5310 Datasheet HTML 46Page - Texas Instruments PCM5310 Datasheet HTML 47Page - Texas Instruments PCM5310 Datasheet HTML 48Page - Texas Instruments PCM5310 Datasheet HTML 49Page - Texas Instruments PCM5310 Datasheet HTML 50Page - Texas Instruments PCM5310 Datasheet HTML 51Page - Texas Instruments PCM5310 Datasheet HTML 52Page - Texas Instruments PCM5310 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
Registers 20 and 21 (14h and 15h)
Registers 22 and 23 (16h and 17h)
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
20
14h
Analog input mux selection for ADC12
RSV
AX1R[2:0]
RSV
AX1L[2:0]
21
15h
Analog input mux selection for ADC34
RSV
AX2R[2:0]
RSV
AX2L[2:0]
AX1R[2:0]: Analog Input Mux Selection for ADC12, R-Channel
AX1L[2:0]: Analog Input Mux Selection for ADC12, L-Channel
AX2R[2:0]: Analog Input Mux Selection for ADC34, R-Channel
AX2L[2:0]: Analog Input Mux Selection for ADC34, L-Channel
The PCM5310 has six stereo inputs that can select one stereo input for each ADC. It is recommended to use the
digital soft mute to reduce audible noise when the analog inputs are changed; see Figure 44 for details.
Default value: 000
000
No connection (default)
001
AIN1L or AIN1R
010
AIN2L or AIN2R
011
AIN3L or AIN3R
100
AIN4L or AIN4R
101
AIN5L or AIN5R
110
AIN6L or AIN6R
Others
Reserved
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
22
16h
Analog input gain control for ADC12
RSV
RSV
AG1R[1:0]
RSV
RSV
AG1L[1:0]
23
17h
Analog input gain control for ADC34
RSV
RSV
AG2R[1:0]
RSV
RSV
AG2L[1:0]
AG1R[1:0]: Analog Input Gain Control for ADC12, R-Channel
AG1L[1:0]: Analog Input Gain Control for ADC12, L-Channel
AG2R[1:0]: Analog Input Gain Control for ADC34, R-Channel
AG2L[1:0]: Analog Input Gain Control for ADC34, L-Channel
The PCM5310 has analog gain amplifiers in front of each ADC input that can be programmed to between 0 dB to
+9 dB in 3-dB steps; refer to Figure 28 for details.
Default value: 00
00
0 dB (default)
01
3 dB
10
6 dB
11
9 dB
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com