Electronic Components Datasheet Search
  English  ▼

X  

PCM5310 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310 Datasheet(HTML) 2 Page - Texas Instruments

  PCM5310 Datasheet HTML 1Page - Texas Instruments PCM5310 Datasheet HTML 2Page - Texas Instruments PCM5310 Datasheet HTML 3Page - Texas Instruments PCM5310 Datasheet HTML 4Page - Texas Instruments PCM5310 Datasheet HTML 5Page - Texas Instruments PCM5310 Datasheet HTML 6Page - Texas Instruments PCM5310 Datasheet HTML 7Page - Texas Instruments PCM5310 Datasheet HTML 8Page - Texas Instruments PCM5310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
PACKAGING/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
PCM5310
UNIT
VCCDA, VCCAD, VCCP, VDD
–0.3 to 4.0
V
Supply voltage
VCCH
–0.3 to 10
V
Ground voltage differences: AGNDAD, AGNDDA, PGND, HGND, DGND
±0.1
V
Input voltage
–0.3 to 4.0
V
Input current (all pins except supplies)
±10
mA
Ambient temperature under bias
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Lead temperature (soldering, 5s)
+260
°C
Package temperature (IR reflow, peak)
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
MIN
NOM
MAX
UNIT
Analog supply voltage, VCCAD, VCCDA, VCCP
3.0
3.3
3.6
V
Analog supply voltage, VCCH
8.55
9
9.45
V
Digital supply voltage, VDD
3.0
3.3
3.6
V
Analog input voltage, full-scale (–0 dB)
2
VRMS
Analog output voltage, full-scale (–0 dB)
2
2.4
VRMS
Digital input logic family
CMOS
ADC system clock
4.096
36.864
MHz
ADC sampling clock
32
96
kHz
Digital input clock frequency
DAC system clock
4.096
36.864
MHz
DAC sampling clock
32
192
kHz
Analog output load resistance
10
k
Ω
Analog output load capacitance
30
pF
Digital output load capacitance
10
pF
Operating free-air temperature, TA
–25
+85
°C
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com