Electronic Components Datasheet Search
  English  ▼

X  

LT3695 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3695
Description  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3695 Datasheet(HTML) 1 Page - Linear Technology

  LT3695 Datasheet HTML 1Page - Linear Technology LT3695 Datasheet HTML 2Page - Linear Technology LT3695 Datasheet HTML 3Page - Linear Technology LT3695 Datasheet HTML 4Page - Linear Technology LT3695 Datasheet HTML 5Page - Linear Technology LT3695 Datasheet HTML 6Page - Linear Technology LT3695 Datasheet HTML 7Page - Linear Technology LT3695 Datasheet HTML 8Page - Linear Technology LT3695 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3695
1
3695f
TYPICAL APPLICATION
DESCRIPTION
1A Fault Tolerant Micropower
Step-Down Regulator
The LT®3695 is an adjustable frequency (250kHz to 2.2MHz)
monolithic buck switching regulator that accepts input volt-
ages up to 36V and can safely sustain transient voltages
up to 60V. The device includes a high efficiency switch, a
boost diode, and the necessary oscillator, control and logic
circuitry. Current mode topology is used for fast transient
response and good loop stability. A SYNC pin allows the
user to synchronize the part to an external clock, and to
choose between low ripple Burst Mode operation and
standard PWM operation.
The LT3695 tolerates adjacent pin shorts or an open pin
without raising the output voltage above its programmed
value.
Low ripple Burst Mode operation maintains high effi-
ciency at low output currents while keeping output ripple
below 15mV in a typical application. Shutdown reduces
input supply current to less than 1μA while a resistor and
capacitor on the RUN/SS pin provide a controlled output
voltage ramp (soft-start). Protection circuitry senses the
current in the power switch and external Schottky catch
diode to protect the LT3695 against short-circuit condi-
tions. Frequency foldback and thermal shutdown provide
additional protection.
The LT3695 is available in a thermally enhanced 16-Pin
MSOP package.
5V Step-Down Converter
FEATURES
APPLICATIONS
n Wide Input Range:
Operation from 3.6V to 36V
Overvoltage Lockout Protects Circuits Through
60V Transients
n FMEA Fault Tolerant:
Output Stays at or Below Regulation Voltage
During Adjacent Pin Short or When a Pin Is Left
Floating
n 1A Output Current
n Low Ripple (< 15mVP-P) Burst Mode® Operation
IQ = 75μA for 12VIN to 3.3VOUT with No Load
n Adjustable Switching Frequency: 250kHz to 2.2MHz
n Short-Circuit Protected
n Synchronizable Between 300kHz and 2.2MHz
n Output Voltage: 0.8V to 20V
n Power Good Flag
n Small Thermally Enhanced 16-Pin MSOP Package
n Automotive Battery Regulation
n Automotive Entertainment Systems
n Distributed Supply Regulation
n Industrial Supplies
Efficiency
VIN
BD
LT3695
RUN/SS
VC
0.22μF
VOUT
5V
0.9A, VIN > 6.9V
1A, VIN > 12V
102k
f = 800kHz
100k
536k
10μH
10μF
3695 TA01a
470pF
2.2μF
VIN
6.9V TO 36V
TRANSIENT TO 60V
RT
PG
40.2k
16.2k
SYNC
BOOST
ON OFF
SW
DA
FB
GND
PGND
LOAD CURRENT (A)
0
50
60
70
80
90
100
0.2
0.4
0.6
0.8
1
VOUT = 5V
VOUT = 3.3V
VIN = 12V
L = 10µH
f = 800kHz
3695 TA01b
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT3695

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3695 LINER-LT3695_15 Datasheet
501Kb / 30P
1A Fault Tolerant Micropower Step-Down Regulator
More results

Similar Description - LT3695

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
1A step down switching regulator
03-Apr-2007
logo
Linear Technology
LT3682 LINER-LT3682 Datasheet
252Kb / 24P
1A Micropower Step-Down
LTC3637 LINER-LTC3637_15 Datasheet
357Kb / 26P
76V, 1A Step-Down Regulator
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
LT3695 LINER-LT3695_15 Datasheet
501Kb / 30P
1A Fault Tolerant Micropower Step-Down Regulator
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
100V, 1A Synchronous Micropower Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
Monolithic 1A Step-Down Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com