Electronic Components Datasheet Search
  English  ▼

X  

LT3695 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3695
Description  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3695 Datasheet(HTML) 4 Page - Linear Technology

  LT3695 Datasheet HTML 1Page - Linear Technology LT3695 Datasheet HTML 2Page - Linear Technology LT3695 Datasheet HTML 3Page - Linear Technology LT3695 Datasheet HTML 4Page - Linear Technology LT3695 Datasheet HTML 5Page - Linear Technology LT3695 Datasheet HTML 6Page - Linear Technology LT3695 Datasheet HTML 7Page - Linear Technology LT3695 Datasheet HTML 8Page - Linear Technology LT3695 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3695
4
3695f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, unless otherwise noted. (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Boost Schottky Diode Voltage Drop
IBSD = 50mA
720
900
mV
Boost Schottky Diode Reverse Leakage
VSW = 10V, VBD = 0V
0.1
1
μA
Minimum Boost Voltage (Note 8)
l
1.7
2.3
V
BOOST Pin Current
ISW = 0.5A
10.5
17.5
mA
RUN/SS Pin Current
VRUN/SS = 2.5V
VRUN/SS = 10V
l
4.5
12
7.5
20
μA
μA
RUN/SS Input Voltage High
2.5
V
RUN/SS Input Voltage Low
0.2
V
PG Leakage Current
VPG = 5V
0.1
1
μA
PG Sink Current
VPG = 0.4V
l
100
1000
μA
PG Threshold as % of VFB
Measured at FB Pin (Pin Voltage Rising)
88
90
92
%
PG Threshold Hysteresis
Measured at FB Pin
12
mV
SYNC Threshold Voltage
300
550
800
mV
SYNC Input Frequency
0.3
2.2
MHz
Note 1: Stresses beyond those listed under absolute maximum ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect the device
reliability and lifetime.
Note 2: Positive currents flow into pins, negative currents flow out of pins.
Minimum and maximum values refer to absolute values.
Note 3: Absolute maximum voltage at VIN and RUN/SS pins is 60V for
nonrepetitive 1 second transients, and 36V for continuous operation.
Note 4: The LT3695E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3695I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3695H is guaranteed over the full –40°C to
150°C operating junction temperature range.
Note 5: This IC includes overtemperature protection that is intended to
protect the devices during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability.
Note 6: This is the voltage necessary to keep the internal bias circuitry in
regulation.
Note 7: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycles.
Note 8: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com