Electronic Components Datasheet Search
  English  ▼

X  

LT3695 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3695
Description  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3695 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3695 Datasheet HTML 15Page - Linear Technology LT3695 Datasheet HTML 16Page - Linear Technology LT3695 Datasheet HTML 17Page - Linear Technology LT3695 Datasheet HTML 18Page - Linear Technology LT3695 Datasheet HTML 19Page - Linear Technology LT3695 Datasheet HTML 20Page - Linear Technology LT3695 Datasheet HTML 21Page - Linear Technology LT3695 Datasheet HTML 22Page - Linear Technology LT3695 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3695
19
3695f
running properly. This minimum load will depend on input
and output voltages, and on the arrangement of the boost
circuit. The minimum load generally goes to zero once the
circuit has started. Figure 5 shows a plot of minimum load
to start and to run as a function of input voltage. In many
cases the discharged output capacitor will present a load
to the switcher, which will allow it to start. The plots show
the worst-case situation where VIN is ramping very slowly.
For lower start-up voltage, the boost diode can be tied to
VIN; however, this restricts the input range to one-half of
the absolute maximum rating of the BOOST pin. At light
loads, the inductor current becomes discontinuous and
the effective duty cycle can be very high. This reduces the
minimum input voltage to approximately 300mV above
VOUT. At higher load currents, the inductor current is
continuous and the duty cycle is limited by the maximum
duty cycle of the LT3695, requiring a higher input voltage
to maintain regulation.
APPLICATIONS INFORMATION
BD
LT3695
VIN
VIN
C3
D1
VOUT
3695 F04a
BOOST
SW
DA
GND
PGND
(4a) For VOUT > 2.8V, VIN(MIN) = 4.3V if VOUT < 3V
BD
LT3695
VIN
VIN
C3
D1
D2
VOUT
3695 F04b
BOOST
SW
DA
GND
PGND
(4b) For 2.5V < VOUT < 2.8V, VIN(MIN) = 4.3V
BD
LT3695
VIN
VIN
C3
D1
VOUT
3695 F04c
BOOST
SW
DA
GND
PGND
(4c) For VOUT < 2.5V, VIN(MAX) = 25V
Figure 4. Three Circuits for Generating
the Boost Voltage
by using a Zener diode between VOUT and BD to maintain
the BD pin voltage between 3V and 8V.
The minimum operating voltage of the LT3695 applica-
tion is limited by the minimum input voltage and by the
maximum duty cycle as outlined previously. For proper
start-up, the minimum input voltage is also limited by the
boost circuit. If the input voltage is ramped slowly, or the
LT3695 is turned on with its RUN/SS pin when the output
is already in regulation, then the boost capacitor may not
be fully charged. Because the boost capacitor is charged
with the energy stored in the inductor, the circuit will rely
on some minimum load current to get the boost circuit
LOAD CURRENT (mA)
1
4.5
5.0
5.5
1000
3.5
4.0
3.0
2.5
2.0
10
100
10
100
6.0
LOAD CURRENT(mA)
3695 F05
1
6.0
6.5
7.0
7.5
1000
4.5
4.0
5.5
5.0
3.5
2.5
3.0
2.0
8.0
TO RUN
TO START
(WORST CASE)
TO START
(WORST CASE)
VOUT = 3.3V
TA = 25˚C
L = 10μH
f = 800kHz
TO RUN
VOUT = 5V
TA = 25˚C
L = 10μH
f = 800kHz
Figure 5. The Minimum Input Voltage depends on
Output Voltage, Load Current and Boost Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com