Electronic Components Datasheet Search
  English  ▼

X  

LT3695 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3695
Description  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3695 Datasheet(HTML) 2 Page - Linear Technology

  LT3695 Datasheet HTML 1Page - Linear Technology LT3695 Datasheet HTML 2Page - Linear Technology LT3695 Datasheet HTML 3Page - Linear Technology LT3695 Datasheet HTML 4Page - Linear Technology LT3695 Datasheet HTML 5Page - Linear Technology LT3695 Datasheet HTML 6Page - Linear Technology LT3695 Datasheet HTML 7Page - Linear Technology LT3695 Datasheet HTML 8Page - Linear Technology LT3695 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3695
2
3695f
VIN, RUN/SS Voltage (Note 3)...................................60V
BOOST Pin Voltage ...................................................50V
BOOST Pin Above SW Pin.........................................30V
BD Voltage ................................................................30V
RT, VC Voltage ............................................................5V
RT Pin Current .........................................................1mA
SYNC Voltage............................................................20V
FB Voltage...................................................................5V
PG Voltage ................................................................30V
Operating Junction Temperature Range (Notes 4, 5)
LT3695E............................................. –40°C to 125°C
LT3695I.............................................. –40°C to 125°C
LT3695H ............................................ –40°C to 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3695EMSE#PBF
LT3695EMSE#TRPBF
3695
16-Lead Plastic MSOP
–40°C to 125°C
LT3695IMSE#PBF
LT3695IMSE#TRPBF
3695
16-Lead Plastic MSOP
–40°C to 125°C
LT3695HMSE#PBF
LT3695HMSE#TRPBF
3695
16-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
5
6
7
8
PGND
DA
NC
SW
RUN/SS
RT
SYNC
VIN
16
15
14
13
12
11
10
9
BOOST
BD
GND
PG
NC
FB
NC
VC
TOP VIEW
17
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 40°C/W WITH EXPOSED PAD SOLDERED
θJA = 110°C/W WITHOUT EXPOSED PAD SOLDERED
PIN CONFIGURATION
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com