Electronic Components Datasheet Search
  English  ▼

X  

LT3695 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3695
Description  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3695 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3695 Datasheet HTML 18Page - Linear Technology LT3695 Datasheet HTML 19Page - Linear Technology LT3695 Datasheet HTML 20Page - Linear Technology LT3695 Datasheet HTML 21Page - Linear Technology LT3695 Datasheet HTML 22Page - Linear Technology LT3695 Datasheet HTML 23Page - Linear Technology LT3695 Datasheet HTML 24Page - Linear Technology LT3695 Datasheet HTML 25Page - Linear Technology LT3695 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3695
22
3695f
APPLICATIONS INFORMATION
High Temperature Considerations
The PCB must provide heat sinking to keep the LT3695
cool. The Exposed Pad on the bottom of the package
may be soldered to a copper area which should be tied
to large copper layers below with thermal vias; these lay-
ers will spread the heat dissipated by the LT3695. Place
additional vias to reduce thermal resistance further. With
these steps, the thermal resistance from die (or junction)
to ambient can be reduced to
θJA = 40°C/W or less. With
100 LFPM airflow, this resistance can fall by another 25%.
Further increases in airflow will lead to lower thermal
resistance. Because of the large output current capability
of the LT3695, it is possible to dissipate enough heat to
raise the junction temperature beyond the absolute maxi-
mum. When operating at high ambient temperatures, the
maximum load current should be derated as the ambient
temperature approaches these maximums. If the junction
temperature reaches the thermal shutdown threshold, the
part will stop switching to prevent internal damage due
to overheating.
Power dissipation within the LT3695 can be estimated
by calculating the total power loss from an efficiency
measurement. The die temperature rise is calculated by
multiplying the power dissipation of the LT3695 by the
thermal resistance from junction to ambient. Die tempera-
ture rise was measured on a 2-layer, 10cm
× 10cm circuit
board in still air at a load current of 1A (fSW = 800kHz).
For a 12V input to 5V output the die temperature elevation
above ambient was 22°C with the exposed pad soldered
and 44°C without the exposed pad soldered.
Fault Tolerance
The LT3695 is designed to tolerate single fault conditions.
Shorting two adjacent pins together or leaving one single
pin floating does not raise VOUT or cause damage to the
LT3695. However, the application circuit must meet the
requirements discussed in this section in order to achieve
this tolerance level.
Tables 5 and 6 show the effects that result from shorting
adjacent pins or from a floating pin, respectively.
Table 5: Effects of Pin Shorts
PINS
EFFECT
PGND-DA
No effect if VIN < VIN(MAX). See Input Voltage Range section for description of VIN(MAX).
SW-RUN/SS
The result of this short depends on the load resistance and on R3 (Figure 10). See the following discussion.
RUN/SS-RT
No effect or VOUT will fall below regulation voltage if IR3 (Figure 10) < 1mA.
RT-SYNC
No effect or VOUT will fall below regulation voltage if the current into the RT pin is less than 1mA.
SYNC-VIN
No effect if VIN does not exceed the absolute maximum voltage of SYNC (20V).
PG-GND
No effect.
GND-BD
VOUT may fall below regulation voltage, power dissipation of the power switch will be increased. Note that this short also grounds the
voltage source supplying BD. Make sure it is safe to short the supply for BD to ground. For this reason BD should not be connected to
VIN, but it is safe to connect it to VOUT.
BD-BOOST
If diode D2 (see Figure 10) is used, no effect or VOUT may fall below regulation voltage. Otherwise the device may be damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com