Electronic Components Datasheet Search
  English  ▼

X  

LT3695 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3695
Description  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3695 Datasheet(HTML) 3 Page - Linear Technology

  LT3695 Datasheet HTML 1Page - Linear Technology LT3695 Datasheet HTML 2Page - Linear Technology LT3695 Datasheet HTML 3Page - Linear Technology LT3695 Datasheet HTML 4Page - Linear Technology LT3695 Datasheet HTML 5Page - Linear Technology LT3695 Datasheet HTML 6Page - Linear Technology LT3695 Datasheet HTML 7Page - Linear Technology LT3695 Datasheet HTML 8Page - Linear Technology LT3695 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3695
3
3695f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, unless otherwise noted. (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage (Note 6)
VBD = 3.3V
VBD < 3V
l
l
3.4
3.4
3.6
4.3
V
V
VIN Overvoltage Lockout
l
36
38
39.9
V
Quiescent Current from VIN
VRUN/SS = 0.2V
VRUN/SS = 10V, VBD = 3.3V, Not Switching
VRUN/SS = 10V, VBD = 0V, Not Switching
l
0.01
35
90
0.5
60
160
μA
μA
μA
Quiescent Current from BD Pin
VRUN/SS = 0.2V
VRUN/SS = 10V, VBD = 3.3V, Not Switching
VRUN/SS = 10V, VBD = 0V, Not Switching
l
35
0.01
55
0
0.5
100
–5
μA
μA
μA
Minimum BD Pin Voltage
2.8
3
V
Feedback Voltage
l
792
785
800
800
808
815
mV
mV
FB Pin Bias Current
FB Pin Voltage = 800mV
l
–5
–40
nA
Reference Voltage Line Regulation
3.6V < VIN < 36V
0.001
0.005
%/V
Error Amp gm
IVC = ±1.5μA
430
μS
Error Amp Voltage Gain
1300
V/V
VC Source Current
50
μA
VC Sink Current
50
μA
VC Pin to Switch Current Gain
1.25
A/V
VC Switching Threshold
0.4
0.6
0.8
V
VC Clamp Voltage
2V
Switching Frequency
RRT = 8.06k
RRT = 29.4k
RRT = 158k
1.98
0.9
225
2.2
1.0
250
2.42
1.1
275
MHz
MHz
kHz
Minimum Switch Off-Time
E- and I-Grades
H-Grade
l
l
130
130
210
250
ns
ns
Switch Current Limit (Note 7)
SYNC = 0V
SYNC = 3.3V or Clocked
1.45
1.18
1.7
1.4
2
1.66
A
A
Switch VCESAT
ISW = 1A
350
mV
DA Pin Current to Stop OSC
1.25
1.6
1.95
A
Switch Leakage Current
VSW = 0V, VIN = 36V
0.01
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com