Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3758 Datasheet HTML 4Page - Linear Technology LT3758 Datasheet HTML 5Page - Linear Technology LT3758 Datasheet HTML 6Page - Linear Technology LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology LT3758 Datasheet HTML 10Page - Linear Technology LT3758 Datasheet HTML 11Page - Linear Technology LT3758 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LT3758
8
3758f
TYPICAL PERFORMANCE CHARACTERISTICS
Gate Drive Rise
and Fall Time vs INTVCC
Typical Start-Up Waveforms
TA = 25°C, unless otherwise noted.
FBX Frequency Foldback
Waveforms During Overcurrent
INTVCC (V)
3
20
25
15
10
9
6
12
15
5
0
30
3758 G19
CL = 3300pF
RISE TIME
FALL TIME
2ms/DIV
SEE TYPICAL APPLICATION: 18V TO 72V INPUT,
24V OUTPUT SEPIC CONVERTER
VOUT
10V/DIV
IL1A + IL1B
1A/DIV
3758 G20
VIN = 48V
50μs/DIV
VOUT
20V/DIV
VSW
50V/DIV
IL1A + IL1B
2A/DIV
3758 G21
VIN = 48V
SEE TYPICAL APPLICATION: 18V TO 72V INPUT,
24V OUTPUT SEPIC CONVERTER
Gate Drive Rise
and Fall Time vs CL
CL (nF)
0
60
70
80
50
40
515
10
20
25
30
10
0
30
90
20
3758 G18
RISE TIME
INTVCC = 7.2V
FALL TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com