Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3758 Datasheet HTML 10Page - Linear Technology LT3758 Datasheet HTML 11Page - Linear Technology LT3758 Datasheet HTML 12Page - Linear Technology LT3758 Datasheet HTML 13Page - Linear Technology LT3758 Datasheet HTML 14Page - Linear Technology LT3758 Datasheet HTML 15Page - Linear Technology LT3758 Datasheet HTML 16Page - Linear Technology LT3758 Datasheet HTML 17Page - Linear Technology LT3758 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LT3758
14
3758f
APPLICATIONS INFORMATION
The operating frequency of the LT3758 can be synchronized
to an external clock source. By providing a digital clock
signal into the SYNC pin, the LT3758 will operate at the
SYNC clock frequency. If this feature is used, an RT resistor
should be chosen to program a switching frequency 20%
slower than SYNC pulse frequency. The SYNC pulse should
have a minimum pulse width of 200ns. Tie the SYNC pin
to GND if this feature is not used.
Duty Cycle Consideration
Switching duty cycle is a key variable defining converter
operation. As such, its limits must be considered. Minimum
on-time is the smallest time duration that the LT3758 is
capable of turning on the power MOSFET. This time is
generally about 220ns (typical) (see Minimum On-Time
in the Electrical Characteristics table). In each switching
cycle, the LT3758 keeps the power switch off for at least
220ns (typical) (see Minimum Off-Time in the Electrical
Characteristics table).
The minimum on-time and minimum off-time and the
switching frequency define the minimum and maximum
switching duty cycles a converter is able to generate:
Minimum duty cycle = minimum on-time • frequency
Maximum duty cycle = 1 – (minimum off-time • frequency)
Programming the Output Voltage
The output voltage VOUT is set by a resistor divider, as
shown in Figure 1. The positive and negative VOUT are set
by the following equations:
VV
R
R
V
OUT POSITIVE
OUT NEGATIV
,
,
.•
=+
⎛
⎝⎜
⎞
⎠⎟
16
1
2
1
E
E
V
R
R
=+
⎛
⎝⎜
⎞
⎠⎟
–.
•
08
1
2
1
The resistors R1 and R2 are typically chosen so that
the error caused by the current flowing into the FBX pin
during normal operation is less than 1% (this translates
to a maximum value of R1 at about 158k).
Soft-Start
The LT3758 contains several features to limit peak switch
currents and output voltage (VOUT) overshoot during
start-up or recovery from a fault condition. The primary
purpose of these features is to prevent damage to external
components or the load.
High peak switch currents during start-up may occur in
switching regulators. Since VOUT is far from its final value,
the feedback loop is saturated and the regulator tries to
charge the output capacitor as quickly as possible, resulting
in large peak currents. A large surge current may cause
inductor saturation or power switch failure.
The LT3758 addresses this mechanism with the SS pin.
As shown in Figure 1, the SS pin reduces the power
MOSFET current by pulling down the VC pin through
Q2. In this way the SS allows the output capacitor to
charge gradually toward its final value while limiting the
start-up peak currents. The typical start-up waveforms
are shown in the Typical Performance Characteristics
section. The inductor current IL slewing rate is limited by
the soft-start function.
Besides start-up (with SHDN/UVLO), soft-start can also
be triggered by the following faults:
1. INTVCC > 17.5V
2. INTVCC < 4.5V
3. Thermal lockout
Any of these three faults will cause the LT3758 to stop
switching immediately. The SS pin will be discharged by
Q3. When all faults are cleared and the SS pin has been
discharged below 0.2V, a 10μA current source IS2 starts
charging the SS pin, initiating a soft-start operation.
The soft-start interval is set by the soft-start capacitor
selection according to the equation:
TC
V
µA
SS
SS
=
•
.
125
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com