Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology LT3758 Datasheet HTML 10Page - Linear Technology LT3758 Datasheet HTML 11Page - Linear Technology LT3758 Datasheet HTML 12Page - Linear Technology LT3758 Datasheet HTML 13Page - Linear Technology LT3758 Datasheet HTML 14Page - Linear Technology LT3758 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LT3758
11
3758f
APPLICATIONS INFORMATION
Main Control Loop
The LT3758 uses a fixed frequency, current mode control
scheme to provide excellent line and load regulation. Op-
eration can be best understood by referring to the Block
Diagram in Figure 1.
The start of each oscillator cycle sets the SR latch (SR1) and
turns on the external power MOSFET switch M1 through
driver G2. The switch current flows through the external
current sensing resistor RSENSE and generates a voltage
proportional to the switch current. This current sense
voltage VISENSE (amplified by A5) is added to a stabilizing
slope compensation ramp and the resulting sum (SLOPE)
is fed into the positive terminal of the PWM comparator A7.
When SLOPE exceeds the level at the negative input of A7
(VC pin), SR1 is reset, turning off the power switch. The
level at the negative input of A7 is set by the error amplifier
A1 (or A2) and is an amplified version of the difference
between the feedback voltage (FBX pin) and the reference
voltage (1.6V or –0.8V, depending on the configuration).
In this manner, the error amplifier sets the correct peak
switch current level to keep the output in regulation.
The LT3758 has a switch current limit function. The current
sense voltage is input to the current limit comparator A6.
If the SENSE pin voltage is higher than the sense current
limit threshold VSENSE(MAX) (110mV, typical), A6 will reset
SR1 and turn off M1 immediately.
The LT3758 is capable of generating either positive or
negative output voltage with a single FBX pin. It can
be configured as a boost, flyback or SEPIC converter
to generate positive output voltage, or as an inverting
converter to generate negative output voltage. When
configured as a SEPIC converter, as shown in Figure 1,
the FBX pin is pulled up to the internal bias voltage of 1.6V
by a voltage divider (R1 and R2) connected from VOUT to
GND. Comparator A2 becomes inactive and comparator
A1 performs the inverting amplification from FBX to VC.
When the LT3758 is in an inverting configuration, the
FBX pin is pulled down to –0.8V by a voltage divider
connected from VOUT to GND. Comparator A1 becomes
inactive and comparator A2 performs the noninverting
amplification from FBX to VC.
The LT3758 has overvoltage protection functions to
protect the converter from excessive output voltage
overshoot during start-up or recovery from a short-circuit
condition. An overvoltage comparator A11 (with 20mV
hysteresis) senses when the FBX pin voltage exceeds the
positive regulated voltage (1.6V) by 8% and provides a
reset pulse. Similarly, an overvoltage comparator A12
(with 10mV hysteresis) senses when the FBX pin voltage
exceeds the negative regulated voltage (–0.8V) by 11%
and provides a reset pulse. Both reset pulses are sent to
the main RS latch (SR1) through G6 and G5. The power
MOSFET switch M1 is actively held off for the duration of
an output overvoltage condition.
Programming Turn-On and Turn-Off Thresholds with
the SHDN/UVLO Pin
The SHDN/UVLO pin controls whether the LT3758 is
enabled or is in shutdown state. A micropower 1.22V
reference, a comparator A10 and a controllable current
source IS1 allow the user to accurately program the sup-
ply voltage at which the IC turns on and off. The falling
value can be accurately set by the resistor dividers R3
and R4. When SHDN/UVLO is above 0.7V, and below the
1.22V threshold, the small pull-down current source IS1
(typical 2μA) is active.
The purpose of this current is to allow the user to program
the rising hysteresis. The Block Diagram of the comparator
and the external resistors is shown in Figure 1. The typical
falling threshold voltage and rising threshold voltage can
be calculated by the following equations:
V
RR
R
VµA
VIN FALLING
VIN RISING
,
,
.•
()
•
=
+
=
122
34
4
2R
RV
IN FALLING
3
+
,
For applications where the SHDN/UVLO pin is only used
as a logic input, the SHDN/UVLO pin can be connected
directly to the input voltage VIN through a 1k resistor for
always-on operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com