Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3758 Datasheet HTML 5Page - Linear Technology LT3758 Datasheet HTML 6Page - Linear Technology LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology LT3758 Datasheet HTML 10Page - Linear Technology LT3758 Datasheet HTML 11Page - Linear Technology LT3758 Datasheet HTML 12Page - Linear Technology LT3758 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LT3758
9
3758f
PIN FUNCTIONS
VC (Pin 1): Error Amplifier Compensation Pin. Used to
stabilize the voltage loop with an external RC network.
FBX (Pin 2): Positive and Negative Feedback Pin. Re-
ceives the feedback voltage from the external resistor
divider across the output. Also modulates the switching
frequency during start-up and fault conditions when FBX
is close to GND.
SS (Pin 3): Soft-Start Pin. This pin modulates compensa-
tion pin voltage (VC) clamp. The soft-start interval is set
with an external capacitor. The pin has a 10μA (typical)
pull-up current source to an internal 2.5V rail. The soft-
start pin is reset to GND by an undervoltage condition
at SHDN/UVLO, an INTVCC undervoltage or overvoltage
condition or an internal thermal lockout.
RT (Pin 4): Switching Frequency Adjustment Pin. Set the
frequency using a resistor to GND. Do not leave this pin
open.
SYNC (Pin 5): Frequency Synchronization Pin. Used to
synchronize the switching frequency to an outside clock.
If this feature is used, an RT resistor should be chosen to
program a switching frequency 20% slower than the SYNC
pulse frequency. Tie the SYNC pin to GND if this feature is
not used. SYNC is ignored when FBX is close to GND.
SENSE (Pin 6): The Current Sense Input for the Control
Loop. Kelvin connect this pin to the positive terminal of
the switch current sense resistor in the source of the NFET.
The negative terminal of the current sense resistor should
be connected to GND plane close to the IC.
GATE (Pin 7): N-Channel MOSFET Gate Driver Output.
Switches between INTVCC and GND. Driven to GND when
IC is shut down, during thermal lockout or when INTVCC
is above or below the overvoltage or UV thresholds,
respectively.
INTVCC (Pin 8): Regulated Supply for Internal Loads and
Gate Driver. Supplied from VIN and regulated to 7.2V (typi-
cal). INTVCC must be bypassed with a minimum of 4.7μF
capacitor placed close to pin. INTVCC can be connected
directly to VIN, if VIN is less than 17.5V. INTVCC can also
be connected to a power supply whose voltage is higher
than 7.5V, and lower than VIN, provided that supply does
not exceed 17.5V.
SHDN/UVLO (Pin 9): Shutdown and Undervoltage Detect
Pin. An accurate 1.22V (nominal) falling threshold with
externally programmable hysteresis detects when power
is okay to enable switching. Rising hysteresis is generated
by the external resistor divider and an accurate internal
2μA pull-down current. An undervoltage condition resets
sort-start. Tie to 0.4V, or less, to disable the device and
reduce VIN quiescent current below 1μA.
VIN (Pin 10): Input Supply Pin. Must be locally bypassed
with a 0.22μF, or larger, capacitor placed close to the
pin.
Exposed Pad (Pin 11): Ground. This pin also serves
as the negative terminal of the current sense resistor.
The Exposed Pad must be soldered directly to the local
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com