Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3758 Datasheet HTML 20Page - Linear Technology LT3758 Datasheet HTML 21Page - Linear Technology LT3758 Datasheet HTML 22Page - Linear Technology LT3758 Datasheet HTML 23Page - Linear Technology LT3758 Datasheet HTML 24Page - Linear Technology LT3758 Datasheet HTML 25Page - Linear Technology LT3758 Datasheet HTML 26Page - Linear Technology LT3758 Datasheet HTML 27Page - Linear Technology LT3758 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LT3758
24
3758f
APPLICATIONS INFORMATION
MOSFET, its junction temperature can be obtained using
the following equation:
TJ = TA + PFET •
θJA = TA + PFET • (θJC + θCA)
TJ must not exceed the MOSFET maximum junction
temperature rating. It is recommended to measure the
MOSFET temperature in steady state to ensure that absolute
maximum ratings are not exceeded.
SEPIC Converter: Output Diode Selection
To maximize efficiency, a fast switching diode with a low
forward drop and low reverse leakage is desirable. The
average forward current in normal operation is equal to
the output current, and the peak current is equal to:
II
D
DPEAK
O MAX
MAX
()
(
)
••
=+
⎛
⎝⎜
⎞
⎠⎟
−
1
2
1
1
χ
It is recommended that the peak repetitive reverse voltage
rating VRRM is higher than VOUT + VIN(MAX) by a safety
margin (a 10V safety margin is usually sufficient).
The power dissipated by the diode is:
PD = IO(MAX) • VD
and the diode junction temperature is:
TJ = TA + PD • RθJA
The RθJA used in this equation normally includes the RθJC
for the device, plus the thermal resistance from the board,
to the ambient temperature in the enclosure. TJ must not
exceed the diode maximum junction temperature rating.
SEPIC Converter: Output and Input Capacitor Selection
The selections of the output and input capacitors of the
SEPIC converter are similar to those of the boost converter.
Please refer to the Boost Converter: Output Capacitor
Selection and Boost Converter: Input Capacitor Selection
sections.
SEPIC Converter: Selecting the DC Coupling Capacitor
The DC voltage rating of the DC coupling capacitor (CDC,
as shown in Figure 1) should be larger than the maximum
input voltage:
VCDC > VIN(MAX)
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS
rating of the coupling capacitor is determined by the fol-
lowing equation:
II
VV
V
RMS CDC
O MAX
OUT
D
IN MIN
()
(
)
()
•
>
+
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.
INVERTING CONVERTER APPLICATIONS
The LT3758 can be configured as a dual-inductor invert-
ing topology, as shown in Figure 10. The VOUT to VIN
ratio is:
VV
V
D
D
OUT
D
IN
−
=−
−
1
in continuous conduction mode (CCM).
Figure 10. A Simplified Inverting Converter
RSENSE
CDC
VIN
CIN
L1
D1
COUT
VOUT
3758 F10
+
GATE
GND
LT3758
SENSE
L2
M1
+
–
+
–
+
Inverting Converter: Switch Duty Cycle and Frequency
For an inverting converter operating in CCM, the duty cycle
of the main switch can be calculated based on the negative
output voltage (VOUT) and the input voltage (VIN).
The maximum duty cycle (DMAX)occurswhentheconverter
has the minimum input voltage:
D
VV
VV
V
MAX
OUT
D
OUT
D
IN MIN
=
−
−−
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com