Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 5Page - Linear Technology LTC3577 Datasheet HTML 6Page - Linear Technology LTC3577 Datasheet HTML 7Page - Linear Technology LTC3577 Datasheet HTML 8Page - Linear Technology LTC3577 Datasheet HTML 9Page - Linear Technology LTC3577 Datasheet HTML 10Page - Linear Technology LTC3577 Datasheet HTML 11Page - Linear Technology LTC3577 Datasheet HTML 12Page - Linear Technology LTC3577 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LTC3577/LTC3577-1
9
3577f
ELECTRICAL CHARACTERISTICS Pushbutton Controller. The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VOUT = 3.8V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Pushbutton Pin (ON)
VOUT
Pushbutton Operating Supply Range
(Note 9)
l
2.7
5.5
V
VOUT UVLO
VOUT Falling
VOUT Rising
Pushbutton is Disabled Below VOUT UVLO
2.5
2.7
2.8
2.9
V
V
VON_TH
ON Threshold Rising
ON Threshold Falling
0.4
0.8
0.7
1.2
V
V
ION
ON Input Current
VON = VOUT
VON = 0V
–1
–4
–9
1
–14
μA
μA
Power-On Input Pin (PWR_ON)
VPWR_ON
PWR_ON Threshold Rising
PWR_ON Threshold Falling
0.4
0.8
0.7
1.2
V
V
IPWR_ON
PWR_ON Input Current
VPWR_ON = 3V
–1
1
μA
Status Output Pins (PBSTAT, WAKE, PG_DCDC)
IPBSTAT
PBSTAT Output High Leakage Current
VPBSTAT = 3V
–1
1
μA
VPBSTAT
PBSTAT Output Low Voltage
IPBSTAT = 3mA
0.1
0.4
V
IWAKE
Wake Output High Leakage Current
VWAKE = 3V
–1
1
μA
VWAKE
Wake Low Output Voltage
IWAKE = 3mA
0.1
0.4
V
IPG_DCDC
PG_DCDC Output High Leakage Current
VPG_DCDC = 3V
–1
1
μA
VPG_DCDC
PG_DCDC Output Low Voltage
IPG_DCDC = 3mA
0.1
0.4
V
VTHPG_DCDC
PG_DCDC Threshold Voltage
(Note 13)
–8
%
Pushbutton Timing Parameters
tON_PBSTAT1
ON Low Time to PBSTAT Low
WAKE High
50
ms
tON_PBSTAT2
ON High to PBSTAT High
PBSTAT Low > tPBSTAT_PW
900
μs
tON_WAKE
ON Low Time to WAKE High
WAKE Low > tPWR_ONBK2
400
ms
tON_HR
ON Low to Hard Reset
Hard Reset = All Supplies Disabled
4.2
5
5.8
Seconds
tPBSTAT_PW
PBSTAT Minimum Pulse Width
40
50
60
ms
tWAKE_EXTP
WAKE High from USB or Wall Present
WAKE Low > tPWR_ONBK2
100
ms
tWAKE_DCDC
WAKE High to Buck1 Enable
WAKE Low > tPWR_ONBK2
5μs
tPWR_ONH
PWR_ON High to WAKE High
WAKE Low > tPWR_ONBK2
50
ms
tPWR_ONL
PWR_ON Low to WAKE Low
WAKE High > tPWR_ONBK1
50
ms
tPWR_ONBK1
PWR_ON Power-Up Blanking
WAKE Rising Until PWR_ON Low Recognized
5
Seconds
tPWR_ONBK2
PWR_ON Power-Down Blanking
WAKE Falling Until PWR_ON High Recognized
1
Seconds
tPG_DCDCH
Bucks in Regulation to PG_DCDC High
All Bucks Within PG_DCDC Threshold Voltage
230
ms
tPG_DCDCL
Bucks Disabled to PG_DCDC Low
All Bucks Disabled
44
μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3577E/LTC3577E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: This IC includes over temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 110°C when over temperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com