Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 1 Page - Linear Technology

  LTC3577 Datasheet HTML 1Page - Linear Technology LTC3577 Datasheet HTML 2Page - Linear Technology LTC3577 Datasheet HTML 3Page - Linear Technology LTC3577 Datasheet HTML 4Page - Linear Technology LTC3577 Datasheet HTML 5Page - Linear Technology LTC3577 Datasheet HTML 6Page - Linear Technology LTC3577 Datasheet HTML 7Page - Linear Technology LTC3577 Datasheet HTML 8Page - Linear Technology LTC3577 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
LTC3577/LTC3577-1
1
3577f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Highly Integrated
6-Channel Portable PMIC
The LTC®3577 is a highly integrated power management
IC for single cell Li-Ion/Polymer battery applications. It
includes a PowerPath manager with automatic load priori-
tization, a battery charger, an ideal diode, input overvoltage
protection and numerous other internal protection features.
The LTC3577 is designed to accurately charge from current
limited supplies such as USB by automatically reducing
charge current such that the sum of the load current and
the charge current does not exceed the programmed input
current limit (100mA or 500mA modes). The LTC3577
reduces the battery voltage at elevated temperatures to
improve safety and reliability. Efficient high current charg-
ing from supplies up to 38V is available using the on-chip
Bat-Track controller. The LTC3577 also includes a push-
button input to control the three synchronous step-down
switching regulators and system reset. The onboard LED
backlight boost circuitry can drive up to 10 series LEDs
and includes versatile digital dimming via I2C input. The
I2C input also controls two 150mA LDOs as well as other
operating modes and status read back. The LTC3577 is
available in a low profile 4mm
× 7mm × 0.75mm 44-pin
QFN package.
LED Driver Efficiency 10 LEDs
n Full Featured Li-Ion/Polymer Charger/PowerPath™
Control with Instant-On Operation
n Triple Adjustable High Efficiency Step-Down
Switching Regulators (800mA, 500mA, 500mA IOUT)
n 6μA Battery Drain Current in Hard Reset
n Bat-Track™ Control for External HV Buck DC/DCs
n I2C Adjustable SW Slew Rates for EMI Reduction
n High Temperature Battery Voltage Reduction
Improves Safety and Reliability
n Overvoltage Protection for USB (VBUS)/Wall Inputs
Provides Protection to 30V
n Integrated 40V Series LED Backlight Driver with 60dB
Brightness Control and Gradation via I2C
n 1.5A Maximum Charge Current with Thermal Limiting
n Battery Float Voltage:4.2V (LTC3577)
4.1V (LTC3577-1)
n Pushbutton On/Off Control with System Reset
n Dual 150mA Current Limited LDOs
n Small 4mm
× 7mm 44-Pin QFN Package
n PNDs, DMB/DVB-H; Digital/Satellite Radio;
Media Players
n Portable Industrial/Medical Products
n Universal Remotes, Photo Viewers
n Other USB-Based Handheld Products
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. PowerPath and Bat-Track are trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by U.S.
Patents including 6522118, 6700364, 7511390, 5481178, 6580258. Other Patents Pending.
+
100mA/500mA
1000mA
HV SUPPLY
8V TO 38V
(TRANSIENTS TO 60V)
USB
CHARGE
PB
2
CC/CV
CHARGER
LED BACKLIGHT WITH DIGITALLY
CONTROLLED DIMMING
DUAL LDO
REGULATORS
LTC3577/LTC3577-1
TRIPLE HIGH EFFICIENCY
STEP-DOWN SWITCHING
REGULATORS WITH
PUSHBUTTON CONTROL
HIGH VOLTAGE
BUCK DC/DC
0V
SINGLE CELL
Li-Ion
UP TO 10 LED
BOOST
VOUT
0.8V to 3.6V/800mA
0.8V to 3.6V/150mA
0.8V to 3.6V/150mA
0.8V to 3.6V/500mA
0.8V to 3.6V/500mA
NTC
I2C PORT
3577 TA01a
OVERVOLTAGE
PROTECTION
OPTIONAL
LED CURRENT (A)
20
30
50
60
80
90
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
3577 TA01b
10
70
40
0
MAX PWM
CONSTANT
CURRENT


Similar Part No. - LTC3577

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577 LINER-LTC3577 Datasheet
570Kb / 50P
8-Output Regulator with Sequencing and I2C
LTC3577 LINER-LTC3577 Datasheet
427Kb / 38P
7-Channel Confi gurable High Power PMIC
LTC3577-1 LINER-LTC3577-1 Datasheet
570Kb / 50P
8-Output Regulator with Sequencing and I2C
LTC3577-1 LINER-LTC3577-1 Datasheet
427Kb / 38P
7-Channel Confi gurable High Power PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
Highly Integrated 6-Channel Portable PMIC
More results

Similar Description - LTC3577

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
Highly Integrated 6-Channel Portable PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
Highly Integrated Portable Product PMIC
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
Integrated PMIC
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
418Kb / 3P
Highly integrated PMIC customized for Intel SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com