Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 48 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 48 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 44Page - Linear Technology LTC3577 Datasheet HTML 45Page - Linear Technology LTC3577 Datasheet HTML 46Page - Linear Technology LTC3577 Datasheet HTML 47Page - Linear Technology LTC3577 Datasheet HTML 48Page - Linear Technology LTC3577 Datasheet HTML 49Page - Linear Technology LTC3577 Datasheet HTML 50Page - Linear Technology LTC3577 Datasheet HTML 51Page - Linear Technology LTC3577 Datasheet HTML 52Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
LTC3577/LTC3577-1
48
3577f
OPERATION
The LTC3557 can be used above 20°C, but the charge
current will be reduced below 1A. The charge current at
a given ambient temperature can be approximated by:
PD =
110°C– TA
θJA
= VOUT –BAT
()•I
BAT + PD(REGS)
Thus:
IBAT =
(110°C − TA)
θJA
−PDREGS
VOUT –BAT
Consider the above example with an ambient temperature
of 55°C. The charge current will be reduced to approxi-
mately:
IBAT =
110°C– 55°C
45°C/W
− 0.3W
5V – 3.3V
IBAT =
1.22W – 0.3W
1.7V
= 542mA
If an external buck switching regulator controlled by the
LTC3577 VC pin is used instead of a 5V wall adapter we see
a significant reduction in power dissipated by the LTC3577.
This is because the external buck switching regulator will
drive the PowerPath output (VOUT) to about 3.6V with the
battery at 3.3V. If you go through the example above and
substitute 3.6V for VOUT we see that thermal regulation
does not kick in until about 83°C. Thus, the external high
voltage buck regulator not only allows higher charging
currents, but lower power dissipation means a cooler
running application.
Printed Circuit Board Layout
When laying out the printed circuit board, the following
list should be followed to ensure proper operation of the
LTC3577:
1. The Exposed Pad of the package (Pin 45) should connect
directly to a large ground plane to minimize thermal and
electrical impedance.
2. The step-down switching regulator input supply pins
(VIN12 and VIN3) and their respective decoupling ca-
pacitors should be kept as short as possible. The GND
side of these capacitors should connect directly to the
ground plane of the part. These capacitors provide the
AC current to the internal power MOSFETs and their
drivers. It’s important to minimizing inductance from
these capacitors to the pins of the LTC3577. Connect
VIN12 and VIN3 to VOUT through a short low impedance
trace.
3. The switching power traces connecting SW1, SW2, and
SW3 to their respective inductors should be minimized
to reduce radiated EMI and parasitic coupling. Due to
the large voltage swing of the switching nodes, sensitive
nodes such as the feedback nodes (FBx, LDOx_FB and
LED_OV) should be kept far away or shielded from the
switching nodes or poor performance could result.
4. Connections between the step-down switching regulator
inductors and their respective output capacitors should
be kept should be kept as short as possible. The GND
side of the output capacitors should connect directly
to the thermal ground plane of the part.
5. Keep the buck feedback pin traces (FB1, FB2, and FB3)
as short as possible. Minimize any parasitic capacitance
between the feedback traces and any switching node
(i.e. SW1, SW2, SW3, and logic signals). If necessary
shield the feedback nodes with a GND trace.
6. Connections between the LTC3577 PowerPath pins
(VBUS and VOUT) and their respective decoupling ca-
pacitors should be kept as short as possible. The GND
side of these capacitors should connect directly to the
ground plane of the part.
7. The boost converter switching power trace connect-
ing SW to the inductor should be minimized to reduce
radiated EMI and parasitic coupling. Due to the large
voltage swing of the SW node, sensitive nodes such
as the feedback nodes (FBx, LDOx_FB and LED_OV)
should be kept far away or shielded from this switching
node or poor performance could result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com