Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 3 Page - Linear Technology

  LTC3577 Datasheet HTML 1Page - Linear Technology LTC3577 Datasheet HTML 2Page - Linear Technology LTC3577 Datasheet HTML 3Page - Linear Technology LTC3577 Datasheet HTML 4Page - Linear Technology LTC3577 Datasheet HTML 5Page - Linear Technology LTC3577 Datasheet HTML 6Page - Linear Technology LTC3577 Datasheet HTML 7Page - Linear Technology LTC3577 Datasheet HTML 8Page - Linear Technology LTC3577 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
LTC3577/LTC3577-1
3
3577f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VSW............................................................ –0.3V to 45V
VBUS, VOUT, VIN12, VIN3, VINLDO1, VINLDO2, WALL
t < 1ms and Duty Cycle < 1% .................. –0.3V to 7V
Steady State............................................. –0.3V to 6V
CHRG, BAT, LED_FS, LED_OV, PWR_ON, WAKE,
PBSTAT, PG_DCDC, FB1, FB2, FB3, LDO1, LDO1_FB,
LDO2, LDO2_FB, DVCC, SCL, SDA ............... –0.3V to 6V
NTC, PROG, CLPROG, ON, ILIM0, ILIM1
(Note 4)............................................–0.3V to VCC + 0.3V
IVBUS, IVOUT, IBAT ........................................................2A
ISW3 (Continuous)................................................850mA
ISW2, ISW1 (Continuous).......................................600mA
ILDO1, ILDO2 (Continuous).....................................200mA
ICHRG, IACPR, IWAKE, IPBSTAT, IPG_DCDC....................75mA
IOVSENS...................................................................10mA
ICLPROG, IPROG, ILED_FS, ILED_OV...............................2mA
Junction Temperature ........................................... 110°C
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Notes 1, 2, 3)
TOP VIEW
45
UFF PACKAGE
44-LEAD (7mm
4mm) PLASTIC QFN
ILIM0 1
ILIM1 2
LED_FS 3
WALL 4
SW3 5
VIN3 6
FB3 7
OVSENS 8
LED_OV 9
DVCC 10
SDA 11
SCL 12
OVGATE 13
PWR_ON 14
ON 15
37 IDGATE
36 PROG
35 NTC
34 NTCBIAS
33 SW1
32 VIN12
31 SW2
30 VINLD02
29 LDO2
28 LDO1
27 LDO1_FB
26 FB1
25 FB2
24 LDO2_FB
23 VINLDO1
TJMAX = 110°C, θJA = 45°C/W
EXPOSED PAD (PIN 45) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3577EUFF#PBF
LTC3577EUFF#TRPBF
3577
44-Lead (4mm
× 7mm) Plastic QFN
–40°C to 85°C
LTC3577EUFF-1#PBF
LTC3577EUFF-1#TRPBF
35771
44-Lead (4mm
× 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com