Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 29Page - Linear Technology LTC3577 Datasheet HTML 30Page - Linear Technology LTC3577 Datasheet HTML 31Page - Linear Technology LTC3577 Datasheet HTML 32Page - Linear Technology LTC3577 Datasheet HTML 33Page - Linear Technology LTC3577 Datasheet HTML 34Page - Linear Technology LTC3577 Datasheet HTML 35Page - Linear Technology LTC3577 Datasheet HTML 36Page - Linear Technology LTC3577 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
LTC3577/LTC3577-1
33
3577f
OPERATION
process much simpler. The step-down switching regula-
tors are designed to work with inductors in the range of
2.2μH to 10μH. For most applications a 4.7μH inductor is
suggested for step-down switching regulators providing
up to 500mA of output current while a 3.3μH inductor is
suggested for step-down switching regulators providing
up to 800mA. Larger value inductors reduce ripple current,
which improves output ripple voltage. Lower value induc-
tors result in higher ripple current and improved transient
response time, but will reduce the available output current.
To maximize efficiency, choose an inductor with a low DC
resistance. For a 1.2V output, efficiency is reduced about
2% for 100mΩ series resistance at 400mA load current,
and about 2% for 300mΩ series resistance at 100mA load
current. Choose an inductor with a DC current rating at
least 1.5 times larger than the maximum load current to
ensure that the inductor does not saturate during normal
operation. If output short-circuit is a possible condition,
the inductor should be rated to handle the maximum peak
current specified for the step-down converters. Different
core materials and shapes will change the size/current
and price/current relationship of an inductor. Toroid or
shielded pot cores in ferrite or Permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
electrical characteristics. Inductors that are very thin or
have a very small volume typically have much higher core
and DCR losses, and will not give the best efficiency. The
choice of which style inductor to use often depends more
on the price versus size, performance, and any radiated
EMI requirements than on what the step-down switching
regulators requires to operate. The inductor value also has
an effect on Burst Mode operation. Lower inductor values
will cause Burst Mode switching frequency to increase.
Table 3 shows several inductors that work well with the
step-down switching regulators. These inductors offer a
good compromise in current rating, DCR and physical
size. Consult each manufacturer for detailed information
on their entire selection of inductors.
Input/Output Capacitor Selection
Low ESR (equivalent series resistance) ceramic capacitors
should be used at both step-down switching regulator
outputs as well as at each step-down switching regulator
input supply. Only X5R or X7R ceramic capacitors should
be used because they retain their capacitance over wider
voltage and temperature ranges than other ceramic types.
A 10μF output capacitor is sufficient for the step-down
switching regulator outputs. For good transient response
Table 3. Recommended Inductors for Step-Down Switching Regulators
INDUCTOR TYPE
L (μH)
MAX IDC (A)
MAX DCR (Ω)
SIZE in mm (L
× W × H)
MANUFACTURER
DB318C
D312C
DE2812C
4.7
3.3
4.7
3.3
4.7
3.3
1.07
1.20
0.79
0.90
1.15
1.37
0.1
0.07
0.24
0.20
0.13*
0.105*
3.8
× 3.8 × 1.8
3.8
× 3.8 × 1.8
3.6
× 3.6 × 1.2
3.6
× 3.6 × 1.2
3.0
× 2.8 × 1.2
3.0
× 2.8 × 1.2
Toko
www.toko.com
CDRH3D16
CDRH2D11
CLS4D09
4.7
3.3
4.7
3.3
4.7
0.9
1.1
0.5
0.6
0.75
0.11
0.085
0.17
0.123
0.19
4
× 4 × 1.8
4
× 4 × 1.8
3.2
× 3.2 × 1.2
3.2
× 3.2 × 1.2
4.9
× 4.9 × 1
Sumida
www.sumida.com
SD3118
SD3112
SD12
SD10
4.7
3.3
4.7
3.3
4.7
3.3
4.7
3.3
1.3
1.59
0.8
0.97
1.29
1.42
1.08
1.31
0.162
0.113
0.246
0.165
0.117*
0.104*
0.153*
0.108*
3.1
× 3.1 × 1.8
3.1
× 3.1 × 1.8
3.1
× 3.1 × 1.2
3.1
× 3.1 × 1.2
5.2
× 5.2 × 1.2
5.2
× 5.2 × 1.2
5.2
× 5.2 × 1.0
5.2
× 5.2 × 1.0
Cooper
www.cooperet.com
LPS3015
4.7
3.3
1.1
1.3
0.2
0.13
3.0
× 3.0 × 1.5
3.0
× 3.0 × 1.5
Coil Craft
www.coilcraft.com
*Typical DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com