Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 28Page - Linear Technology LTC3577 Datasheet HTML 29Page - Linear Technology LTC3577 Datasheet HTML 30Page - Linear Technology LTC3577 Datasheet HTML 31Page - Linear Technology LTC3577 Datasheet HTML 32Page - Linear Technology LTC3577 Datasheet HTML 33Page - Linear Technology LTC3577 Datasheet HTML 34Page - Linear Technology LTC3577 Datasheet HTML 35Page - Linear Technology LTC3577 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
LTC3577/LTC3577-1
32
3577f
OPERATION
increases until it is turned on continuously at 100%. In this
dropout condition, the respective output voltage equals the
regulator’s input voltage minus the voltage drops across
the internal P-channel MOSFET and the inductor.
Soft-Start Operation
Soft-start is accomplished by gradually increasing the peak
inductor current for each step-down switching regulator
over a 500μs period. This allows each output to rise slowly,
helping minimize inrush current required to charge up the
switching regulator output capacitor. A soft-start cycle
occurs whenever a given switching regulator is enabled.
A soft-start cycle is not triggered by changing operating
modes. This allows seamless output transition when
actively changing between operating modes.
Slew Rate Control
The step-down switching regulators contain new patent
pending circuitry to limit the slew rate of the switch node
(SW1, SW2 and SW3). This new circuitry is designed to
transition the switch node over a period of a few nanosec-
onds, significantly reducing radiated EMI and conducted
supply noise while maintaining high efficiency. Since
slowing the slew rate of the switch nodes causes efficiency
loss, the slew rate of the step-down switching regulators is
adjustable via the I2C registers SLEWCTL1 and SLEWCTL2.
This allows the user to optimize efficiency or EMI as neces-
sary with four different slew rate settings. The power-up
default is the fastest slew rate (highest efficiency) setting.
Figures 14 and 15 show the efficiency and power loss
graph for Buck3 programmed for 1.2V and 2.5V outputs.
Note that the power loss curves remain fairly constant for
both graphs yet changing the slew rate has a larger effect
on the 1.2V output efficiency. This is mainly because for
a given output current the 2.5V output is delivering more
than 2x the power than the 1.2V output. Efficiency will
always decrease and show more variation to slew rate as
the programmed output voltage is decreased.
Low Supply Operation
An undervoltage lockout circuit on VOUT (VOUT UVLO)
shuts down the step-down switching regulators when VOUT
drops below about 2.7V. It is recommended that the step-
down switching regulator input supplies (VIN12, VIN3) be
connected to the power path output (VOUT) directly. This
UVLO prevents the step-down switching regulators from
operating at low supply voltages where loss of regula-
tion or other undesirable operation may occur. If driving
the step-down switching regulator input supplies from
a voltage other than the VOUT pin, the regulators should
not be operated outside the specified operating range as
operation is not guaranteed beyond this range.
Inductor Selection
Many different sizes and shapes of inductors are available
from numerous manufacturers. Choosing the right inductor
from such a large selection of devices can be overwhelming,
but following a few basic guidelines will make the selection
Figure 14. VOUT3 (1.2V) Efficiency and Power Loss vs IOUT3
Figure 15. VOUT3 (2.5V) Efficiency and Power Loss vs IOUT3
IOUT3 (mA)
1.00E-05
60
80
100
1.00E-01
3577 F14
40
20
50
70
90
30
10
0
1.00E-02
1.00e-01
1.00E+00
1.00E-03
1.00E-04
1.00E-05
1.00E-0.3
Burst Mode
OPERATION
VIN = 3.8V
SW[1:0] =
00
01
10
11
IOUT3 (mA)
1.00E-05
60
80
100
1.00E-01
3577 F15
40
20
50
70
90
30
10
0
1.00E-02
1.00e-01
1.00E+00
1.00E-03
1.00E-04
1.00E-05
1.00E-0.3
Burst Mode
OPERATION
VIN = 3.8V
SW[1:0] =
00
01
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com