Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 46 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 46 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 42Page - Linear Technology LTC3577 Datasheet HTML 43Page - Linear Technology LTC3577 Datasheet HTML 44Page - Linear Technology LTC3577 Datasheet HTML 45Page - Linear Technology LTC3577 Datasheet HTML 46Page - Linear Technology LTC3577 Datasheet HTML 47Page - Linear Technology LTC3577 Datasheet HTML 48Page - Linear Technology LTC3577 Datasheet HTML 49Page - Linear Technology LTC3577 Datasheet HTML 50Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
LTC3577/LTC3577-1
46
3577f
OPERATION
Hard Reset Timing
Hard reset provides an ultralow power-down state for
shipping or long-term storage as well as a way to power
down the application in case of a software lock-up. In the
case of software lock-up ON is brought low by the user
applying the pushbutton. If the user holds the pushbutton
for 5 seconds a hard reset event (HRST) will occur placing
the pushbutton circuitry in the PDN1 state. At this point
the bucks, LDOs and LED backlight will all be shut down
and WAKE and PG_DCDC will both go low. Following a 1
second power-down period the pushbutton circuitry will
enter the hard reset state (HR).
Holding ON low through the 1 second power-down period
will not cause a power-up event at end of the 1second period.
The ON must be brought high following the power-down
event and then go low for again for 400ms to establish a
valid power up event as shown in Figure 24.
Power-Up Sequencing
Figure 25 shows the actual power-up sequencing of the
LTC3577. Buck1, buck2 and buck3 are all initially disabled
(0V). Once the pushbutton has been applied (ON low) for
400ms, WAKE goes high and buck1 is enabled. Buck1
slews up and enters regulation once enabled. The actual
slew rate is controlled by the soft-start function of buck1
in conjunction with output capacitance and load (see
“Step-Down Switching Regulator Operation” section for
more information). When buck1 is within about 8% of final
regulation, buck2 is enabled and slews up into regulation.
Finally when buck2 is within about 8% of final regulation,
buck3 is enabled and slews up into regulation. 230ms
after buck3 is within 8% of final regulation the PG_DCDC
output will go high impedance (not shown in Figure 25).
The regulators in Figure 25 are slewing up with nominal
output capacitors and no load. Adding a load or increasing
output capacitance on any of the outputs will reduce the
slew rate and lengthen the time it takes the regulator to get
into regulation. Reducing the slew rate also pushes out the
time until the next regulator is enabled proportionally.
PBSTAT
WAKE
BUCKS
PWR_ON
PG_DCDC
STATE
PON
HR
1SEC
PDN1
PUP
BAT
ON (PB)
3577 F24
1 2 3
400ms
5SEC
Figure 24. Hard Reset Timing
1
0
0V
0V
0V
50μs/DIV
3577 F23
WAKE
BUCK1
2V/DIV
BUCK2
1V/DIV
BUCK3
1V/DIV
Figure 25. Power-Up Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com