Electronic Components Datasheet Search
  English  ▼

X  

LTC3601 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3601 Datasheet HTML 3Page - Linear Technology LTC3601 Datasheet HTML 4Page - Linear Technology LTC3601 Datasheet HTML 5Page - Linear Technology LTC3601 Datasheet HTML 6Page - Linear Technology LTC3601 Datasheet HTML 7Page - Linear Technology LTC3601 Datasheet HTML 8Page - Linear Technology LTC3601 Datasheet HTML 9Page - Linear Technology LTC3601 Datasheet HTML 10Page - Linear Technology LTC3601 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC3601
7
3601f
PIN FUNCTIONS (QFN/MSE)
MODE/SYNC (Pin 1/Pin 15): Mode Selection and External
Synchronization Input Pin. This pin places the LTC3601
into forced continuous operation when tied to ground.
High efficiency Burst Mode operation is enabled by either
floating this pin or by tying this pin to INTVCC. When driven
with an external clock, an internal phase-locked loop will
synchronize the phase and frequency of the internal oscil-
lator to that of the incoming clock signal. During external
clock synchronization, the LTC3601 will default to forced
continuous operation.
PGOOD (Pin 2/Pin 16): Open-Drain Power Good Output
Pin. PGOOD is pulled to ground when the voltage at the
FB pin is not within 8% (typical) of the internal 0.6V
reference. PGOOD becomes high impedance once the
voltage at the FB pin returns to within ±5% (typical) of
the internal reference.
SW (Pins 3, 4/Pins 1, 2): Switch Node Output Pin. Con-
nect this pin to the SW side of the external inductor. The
normal operation voltage swing of this pin ranges from
ground to PVIN.
BOOST (Pin 6/Pin 5): Boosted Floating Driver Supply
Pin. The (+) terminal of the external bootstrap capacitor
connects to this pin while the (–) terminal connects to
the SW pin. The normal operation voltage swing of this
pin ranges from a diode voltage drop below INTVCC up
to PVIN + INTVCC.
INTVCC (Pin 7/Pin 6): Internal 3.3V Regulator Output Pin.
This pin should be decoupled to PGND with a low ESR
ceramic capacitor of 1μF or more.
VON (Pin 8/Pin 7): On-Time Voltage Input Pin. This pin
sets the voltage trip point for the on-time comparator. Con-
nect this pin to the regulated output to make the on-time
proportional to the output voltage. The pin impedance is
normally 180kΩ.
SGND (Pin 9/Pin 17): Signal Ground Pin. This pin should
have a low noise connection to reference ground. The
feedback resistor network, external compensation network
and RT resistor should be connected to this ground. In
the MSE package, this pin must be soldered to the PCB
to provide a good thermal contact to the PCB.
RT (Pin 10/Pin 8): Oscillator Frequency Program Pin. Con-
nect an external resistor, between 80k to 400k, from this
pin to SGND to program the LTC3601 switching frequency
from 800kHz to 4MHz. When RT is tied to INTVCC, the
switching frequency will default to 2MHz.
FB (Pin 11/Pin 9): Output Voltage Feedback Pin. Input to
the error amplifier that compares the feedback voltage to
the internal 0.6V reference voltage. Connect this pin to
the appropriate resistor divider network to program the
desired output voltage.
ITH (Pin 12/Pin 10): Error Amplifier Output and Switching
Regulator Compensation Pin. Connect this pin to appro-
priate external components to compensate the regulator
loop frequency response. Connect this pin to INTVCC to
use the default internal compensation.
TRACK/SS (Pin 13/Pin 11): Output Voltage Tracking and
Soft-Start Input Pin. Forcing a voltage below 0.6V on
this pin overrides the internal reference input to the error
amplifier. The LTC3601 will servo the FB pin to the TRACK
voltage under this condition. Above 0.6V, the tracking func-
tion stops and the internal reference resumes control of
the error amplifier. An internal 1.4μA pull-up current from
INTVCC allows a soft-start function to be implemented by
connecting an external capacitor between this pin and
ground. See Applications Information section for more
details.
RUN (Pin 14/Pin 12): Regulator Enable Pin. Enables chip
operation by applying a voltage above 1.25V. A voltage
below 1V on this pin places the part into shutdown. Do
not float this pin.
VIN (Pins 15, 16/Pins 13, 14): Main Power Supply Input
Pins. These pins should be closely decoupled to PGND
with a low ESR capacitor of 10μF or more.
PGND (Pin 17/Pins 3, 4): Power Ground Pin. The (–)
terminal of the input bypass capacitor, CIN, and the (–)
terminal of the output capacitor, COUT, should be tied to
this pin with a low impedance connection. In the QFN
package this pin must be soldered to the PCB to provide
low impedance electrical contact to ground and good
thermal contact to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com