Electronic Components Datasheet Search
  English  ▼

X  

LTC3601 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3601 Datasheet HTML 16Page - Linear Technology LTC3601 Datasheet HTML 17Page - Linear Technology LTC3601 Datasheet HTML 18Page - Linear Technology LTC3601 Datasheet HTML 19Page - Linear Technology LTC3601 Datasheet HTML 20Page - Linear Technology LTC3601 Datasheet HTML 21Page - Linear Technology LTC3601 Datasheet HTML 22Page - Linear Technology LTC3601 Datasheet HTML 23Page - Linear Technology LTC3601 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC3601
20
3601f
TYPICAL APPLICATIONS
12V Input to 1.8V Output at 4MHz Synchronized
Frequency with 6V UVLO and 4.3ms Soft-Start
Efficiency vs Load Current
VIN
RUN
INTVCC
PGOOD
ITH
RT
LTC3601
PGND
EXTERNAL
CLOCK
SGND
BOOST
SW
VON
FB
TRACK
MODE/SYNC
2.2μF
270pF
10pF
0.1μF
10nF
COUT
22μF
VOUT
1.8V
1.5A
80k
40k
154k
40k
100k
80k
10k
3601 TA02a
L1
0.68μH
CIN
22μF
VIN
12V
CIN: TDK C3225X5R1C226M
COUT: TDK C3216X5R0J226M
L1: VISHAY IHLP2020BZERR68M01
LOAD CURRENT (A)
0.01
40
60
90
80
0.1
1
10
3601 TA02b
20
30
50
70
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com