Electronic Components Datasheet Search
  English  ▼

X  

LTC3601 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3601 Datasheet HTML 7Page - Linear Technology LTC3601 Datasheet HTML 8Page - Linear Technology LTC3601 Datasheet HTML 9Page - Linear Technology LTC3601 Datasheet HTML 10Page - Linear Technology LTC3601 Datasheet HTML 11Page - Linear Technology LTC3601 Datasheet HTML 12Page - Linear Technology LTC3601 Datasheet HTML 13Page - Linear Technology LTC3601 Datasheet HTML 14Page - Linear Technology LTC3601 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3601
11
3601f
APPLICATIONS INFORMATION
exceeded. This collapse will result in an abrupt increase
in inductor ripple current, so it is important to ensure the
core will not saturate.
Different core materials and shapes will change the
size/current and price/current relationship of an induc-
tor. Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy but
generally cost more than powdered iron core inductors
with similar characteristics. The choice of which style
inductor to use mainly depends on the price versus size
requirements and any radiated field/EMI requirements.
New designs for surface mount inductors are available
from Toko, Vishay, NEC/Tokin, Cooper, Coilcraft, TDK and
Würth Electronik. Table 1 gives a sampling of available
surface mount inductors.
Table 1. Inductor Selection Table
INDUCTANCE
(μH)
DCR
(mΩ)
MAX
CURRENT
(A)
DIMENSIONS
(mm)
HEIGHT
(mm)
Würth Electronik WE-PD2 Typ MS Series
0.56
0.82
1.2
1.7
2.2
9.5
14
21
27
36
6.5
5.4
4.8
4
3.6
5.2 × 5.8
2
Vishay IHLP-2020BZ-01 Series
0.47
0.68
1
2.2
8.8
12.4
20
50.1
11.5
10
7
4.2
5.2 × 5.5
2
Toko DE3518C Series
0.56
1.2
1.7
24
30
35
3.3
2.4
2.1
3.5 × 3.7
1.8
Sumida CDRH2D18/HP Series
0.56
0.82
1.1
33
39
43
3.7
2.9
2.5
3.2 × 3.2
2
Cooper SD18 Series
0.47
0.82
1.2
1.5
2.2
20.1
24.7
29.4
34.5
39.8
3.58
3.24
2.97
2.73
2.55
5.5 × 5.5
1.8
Coilcraft LPS4018 Series
0.56
1
2.2
30
40
70
4.8
2.8
2.7
4 × 41.7
TDK VLS252012 Series
0.47
1
1.5
2.2
56
88
126
155
3.3
2.4
2
1.8
2.5 × 21.2
CIN and COUT Selection
The input capacitance, CIN,isneededtofilterthetrapezoidal
wave current at the drain of the top power MOSFET. To
prevent large voltage transients from occurring a low ESR
input capacitor sized for the maximum RMS current is
recommended. The maximum RMS current is given by:
II
VV
V
V
RMS
OUT MAX
OUT
IN
OUT
IN
=
()
()
–
where IOUT(MAX) equals the maximum average output
current. This formula has a maximum at VIN = 2VOUT,
where IRMS = IOUT/2. This simple worst-case condition
is commonly used for design because even significant
deviations do not offer much relief. Note that ripple cur-
rent ratings from capacitor manufacturers are often based
on only 2000 hours of life which makes it advisable to
further de-rate the capacitor or choose a capacitor rated
at a higher temperature than required.
Several capacitors may be paralleled to meet the require-
ments of the design. For low input voltage applications
sufficient bulk input capacitance is needed to minimize
transient effects during output load changes. Even though
the LTC3601 design includes an overvoltage protection
circuit, care must always be taken to ensure input volt-
age transients do not pose an overvoltage hazard to the
part.
The selection of COUT is primarily determined by the effec-
tive series resistance (ESR) that is required to minimize
voltage ripple and load step transients. The output ripple,
ΔVOUT, is determined by:
VOUT < IL
ESR + 1
8• f • COUT
The output ripple is highest at maximum input voltage
since ΔIL increases with input voltage. Multiple capacitors
placed in parallel may be needed to meet the ESR and
RMS current handling requirements. Dry tantalum, special
polymer, aluminum electrolytic, and ceramic capacitors are
all available in surface mount packages. Special polymer
capacitors offer low ESR but have lower capacitance
density than other types. Tantalum capacitors have the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com