Electronic Components Datasheet Search
  English  ▼

X  

LTC3601 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 1 Page - Linear Technology

  LTC3601 Datasheet HTML 1Page - Linear Technology LTC3601 Datasheet HTML 2Page - Linear Technology LTC3601 Datasheet HTML 3Page - Linear Technology LTC3601 Datasheet HTML 4Page - Linear Technology LTC3601 Datasheet HTML 5Page - Linear Technology LTC3601 Datasheet HTML 6Page - Linear Technology LTC3601 Datasheet HTML 7Page - Linear Technology LTC3601 Datasheet HTML 8Page - Linear Technology LTC3601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3601
1
3601f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.5A, 15V Monolithic
Synchronous Step-Down
Regulator
n Distributed Power Systems
n Lithium-Ion Battery-Powered Instruments
n Point-of-Load Power Supply
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners. Protected by U.S. Patents, including 5481178, 5847554, 6580258, 6304066, 6476589,
6774611.
Efficiency and Power Loss vs Load Current
n 4V to 15V Operating Input Voltage Range
n 1.5A Output Current
n Up to 96% Efficiency
n Very Low Duty Cycle Operation: 5% at 2.25MHz
n Adjustable Switching Frequency: 800kHz to 4MHz
n External Frequency Synchronization
n Current Mode Operation for Excellent Line and Load
Transient Response
n User Selectable Burst Mode
® (No Load IQ = 300μA) or
Forced Continuous Operation
n 0.6V Reference Allows Low Output Voltages
n Short-Circuit Protected
n Output Voltage Tracking Capability
n Programmable Soft-Start
n Power Good Status Output
n Available in Small, Thermally Enhanced, 16-Pin QFN
(3mm × 3mm) and MSOP Packages
The LTC
®3601 is a high efficiency, monolithic synchronous
buck regulator using a phase-lockable controlled on-time,
current mode architecture capable of supplying up to 1.5A
of output current. The operating supply voltage range is
from 4V to 15V, making it suitable for a wide range of
power supply applications.
The operating frequency is programmable from 800kHz to
4MHz with an external resistor enabling the use of small
surface mount inductors. For switching noise sensitive
applications, the LTC3601 can be externally synchronized
over the same frequency range. An internal phase-locked
loop aligns the on-time of the top power MOSFET to the
internal or external clock. This unique constant frequency/
controlled on-time architecture is ideal for high step-down
ratio applications that demand high switching frequencies
and fast transient response.
The LTC3601 offers two operational modes: Burst Mode
operation and forced continuous mode to allow the user
to optimize output voltage ripple, noise, and light load
efficiency for a given application. Maximum light load
efficiency is achieved with the selection of Burst Mode
operationwhileforcedcontinuousmodeprovidesminimum
output ripple and constant frequency operation.
VIN
RUN
PGOOD
TRACK
LTC3601
PGND
SGND
BOOST
INTVCC
ITH
RT
MODE/SYNC
SW
VON
FB
2.2μF
10pF
0.1μF
22μF
VOUT
3.3V
1.5A
180k
40k
3601 TA01a
2.2μH
22μF
VIN
4V TO 15V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
3601 TA01b
0
1000
100
10
1
0.01
VIN = 5V
VIN = 12V


Similar Part No. - LTC3601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3601 LINER-LTC3601 Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Analog Devices
LTC3601 AD-LTC3601 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
389Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
1.5A Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
15V, 짹5A Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com